Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 55 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 55 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 51Page - Micron Technology JS28F128P30TF75A Datasheet HTML 52Page - Micron Technology JS28F128P30TF75A Datasheet HTML 53Page - Micron Technology JS28F128P30TF75A Datasheet HTML 54Page - Micron Technology JS28F128P30TF75A Datasheet HTML 55Page - Micron Technology JS28F128P30TF75A Datasheet HTML 56Page - Micron Technology JS28F128P30TF75A Datasheet HTML 57Page - Micron Technology JS28F128P30TF75A Datasheet HTML 58Page - Micron Technology JS28F128P30TF75A Datasheet HTML 59Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Datasheet
Apr 2010
55
Order Number:208033-02
P30-65nm SBC
Write to Synchronous Read Specifications
W19
tWHCH/L
WE# high to Clock valid
19
-
ns
1,2,3,6,10
W20
tWHVH
WE# high to ADV# high
19
-
ns
Write Specifications with Clock Active
W21
tVHWL
ADV# high to WE# low
-
27
ns
1,2,3,11
W22
tCHWL
Clock high to WE# low
-
27
ns
Notes:
1.
Write timing characteristics during erase suspend are the same as write-only operations.
2.
A write operation can be terminated with either CE# or WE#.
3.
Sampled, not 100% tested.
4.
Write pulse width low (tWLWH or tELEH) is defined from CE# or WE# low (whichever occurs last) to CE# or WE# high
(whichever occurs first). Hence, tWLWH = tELEH = tWLEH = tELWH.
5.
Write pulse width high (tWHWL or tEHEL) is defined from CE# or WE# high (whichever occurs first) to CE# or WE# low
(whichever occurs last). Hence, tWHWL = tEHEL = tWHEL = tEHWL).
6.
tWHVH or tWHCH/L must be met when transiting from a write cycle to a synchronous burst read.
7.
VPP and WP# should be at a valid level until erase or program success is determined.
8.
This specification is only applicable when transiting from a write cycle to an asynchronous read. See spec W19 and W20
for synchronous read.
9.
When doing a Read Status operation following any command that alters the Status Register, W14 is 20ns.
10.
Add 10ns if the write operations results in a RCR or block lock status change, for the subsequent read operation to
reflect this change.
11.
These specs are required only when the device is in a synchronous mode and clock is active during address setup phase.
12.
This specification must be complied with by customer’s writing timing. The result would be unpredictable if any violation
to this timing specification.
Figure 25: Write-to-Write Timing
Table 26: AC Write Specifications (Sheet 2 of 2)
Num
Symbol
Parameter
Min
Max
Unit
Notes
W1
W7
W4
W7
W4
W3
W9
W3
W9
W3
W3
W6
W2
W6
W2
W8
W8
W5
W5
Address[A]
CE# [E]
WE# [W]
OE# [G]
Data [D/Q]
RST# [P]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com