Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 85 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 85 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 81Page - Micron Technology JS28F128P30TF75A Datasheet HTML 82Page - Micron Technology JS28F128P30TF75A Datasheet HTML 83Page - Micron Technology JS28F128P30TF75A Datasheet HTML 84Page - Micron Technology JS28F128P30TF75A Datasheet HTML 85Page - Micron Technology JS28F128P30TF75A Datasheet HTML 86Page - Micron Technology JS28F128P30TF75A Datasheet HTML 87Page - Micron Technology JS28F128P30TF75A Datasheet HTML 88Page - Micron Technology JS28F128P30TF75A Datasheet HTML 89Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
Datasheet
Apr 2010
85
Order Number:208033-02
P30-65nm SBC
EFI in
Erase
Suspend
EFI Setup
Sub-function Setup in Erase Suspend
N/A
Sub-function
Setup
Sub-op-code Load 1 in Erase Suspend
Sub-op-code
Load 1
Sub-function Load 2 in Erase Suspend if word count >0, else Sub-function confirm in Erase Suspend
Sub-function
Load 2
Sub-function Confirm in Erase Suspend if data load in program buffer is complete, ELSE Sub-function Load 2
Ers
Susp
(Error
[Botc
h])
Sub-function
Confirm if data
load in program
buffer is
complete, ELSE
Sub-function
Load 2
Sub-function
Confirm
Erase Suspend (Error [Botch])
S-fn
Busy
in Ers
Susp
Erase Suspend (Error [Botch])
Sub-function
Busy
S-fn
Busy
in Ers
Susp
IS in
S-fn
Busy
in Ers
Susp
S-fn Busy in
Ers Suspend
Illegal State
in S-fn Busy
in Ers Susp
S-fn
Susp
in Ers
Susp
S-fn Busy in Ers
Susp
IS in S-fn Busy in
Ers Susp
S-fn Busy in Ers
Susp
N/A
S-fn Busy in Ers
Susp
Erase
Susp
IS in Sub-
function Busy
Sub-function Busy in Ers Susp
IS in
Ers
Susp
Sub-function
Susp
S-fn
Susp
in Ers
Susp
IS in
S-fn
Susp
in Ers
Susp
S-fn
Suspend in
Ers Susp
Illegal State
in S-fn Busy
in Ers Susp
S-fn
Busy
in Ers
Susp
S-fn
Suspend in
Ers Susp
S-fn
Susp
in Ers
Susp
(Er
bits
clear)
S-fn
Susp
in Ers
Susp
IS in S-fn Susp in
Ers Susp
S-fn Suspend in Ers
Susp
N/A
S-fn Susp in Ers
Susp
N/A
IS in Phase-1
Susp
Sub-Function Suspend in Erase Suspend
Lock/RCR/ECR/Lock
EFA Block Setup in
Erase Suspend
Erase Suspend (Lock Error
[Botch])
Ers
Susp
(Un-
lock
Block
)
Ers Susp (Lock Error [Botch])
Ers
Susp
(Error
[Botc
h])
Ers
Susp
Blk
Lock
Ers
Susp
Blk
Lk-
Down
Ers
Susp
CR
Set
N/A
Ers Susp (Error
[Botch])
N/A
Blank
Check
Setup
Ready (Error [Botch])
BC
Busy
Ready (Error [Botch])
N/A
Ready (Error
[Botch])
N/A
Blank Check Busy
BC
Busy
IS in
BC
Busy
BC Busy
IS in BC
Busy
Blank Check Busy
IS in BC Busy
BC Busy
BC Busy
Ready
IS in Blank Check
Busy
BP Busy
BEFP
Setup
Ready (Error [Botch])
BEFP
Load
Data
Ready (Error [Botch])
N/A
BEFP Busy
BEFP Program and Verify Busy (if Block Address given matches address given on BEFP Setup command). Commands
treated as data. (7)
Ready
BEFP Busy
Ready
Table 44: Next State Table for P3x-65nm (Sheet 3 of 3)
Command Input and Resulting Chip Next State(1)
Current Chip State
(FFh) (40h) (E8h) (EBh) (20h) (80h) (D0h) (B0) (70h) (50h) (90h,
98h) (60h) (BCh) (C0h) (01h) (2Fh)
(03h,
04h)
other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com