Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 38 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 38 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 34Page - Micron Technology JS28F128P30TF75A Datasheet HTML 35Page - Micron Technology JS28F128P30TF75A Datasheet HTML 36Page - Micron Technology JS28F128P30TF75A Datasheet HTML 37Page - Micron Technology JS28F128P30TF75A Datasheet HTML 38Page - Micron Technology JS28F128P30TF75A Datasheet HTML 39Page - Micron Technology JS28F128P30TF75A Datasheet HTML 40Page - Micron Technology JS28F128P30TF75A Datasheet HTML 41Page - Micron Technology JS28F128P30TF75A Datasheet HTML 42Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
38
Order Number: 208033-02
Table 15: End of Wordline Data and WAIT state Comparison
11.2.4
WAIT Polarity (RCR.10)
The WAIT Polarity bit (WP), RCR.10 determines the asserted level (VOH or VOL) of WAIT.
When WP is set, WAIT is asserted high. When WP is cleared, WAIT is asserted low
(default). WAIT changes state on valid clock edges during active bus cycles (CE#
asserted, OE# asserted, RST# deasserted).
11.2.5
Data Output Configuration (RCR.9)
The Data Output Configuration (DOC) bit, RCR.9 determines whether a data word
remains valid on the data bus for one or two clock cycles. This period of time is called
the “data cycle”. When DOC is set, output data is held for two clocks (default). When
DOC is cleared, output data is held for one clock (see Figure 13, “Data Hold Timing” on
page 39). The processor’s data setup time and the flash memory’s clock-to-data output
delay should be considered when determining whether to hold output data for one or
two clocks. A method for determining the Data Hold configuration is shown below:
To set the device at one clock data hold for subsequent reads, the following condition
must be satisfied:
tCHQV (ns) + tDATA (ns) ≤ One CLK Period (ns)
tDATA = Data set up to Clock (defined by CPU)
For example, with a clock frequency of 40 MHz, the clock period is 25 ns. Assuming
tCHQV = 20 ns and tDATA = 4 ns. Applying these values to the formula above:
20 ns + 4 ns ≤ 25 ns
The equation is satisfied and data will be available at every clock period with data hold
setting at one clock. If tCHQV (ns) + tDATA (ns) > One CLK Period (ns), data hold setting of
2 clock periods must be used.
Latency Count
P30-130nm
P30-65nm SBC
Data States
WAIT States
Data States
WAIT States
1
Not Supported
Not Supported
Not Supported
Not Supported
2
4
0 to 1
Not Supported
Not Supported
3
4
0 to 2
8
0 to 2
4
4
0 to 3
8
0 to 3
5
4
0 to 4
8
0 to 4
6
4
0 to 5
8
0 to 5
7
4
0 to 6
8
0 to 6
Table 16: WAIT Functionality Table
Condition
WAIT
Notes
CE# = ‘1’, OE# = ‘X’ or CE# = ‘0’, OE# = ‘1’
High-Z
1
CE# =’0’, OE# = ‘0’
Active
1
Synchronous Array Reads
Active
1
Synchronous Non-Array Reads
Active
1
All Asynchronous Reads
Deasserted
1
All Writes
High-Z
1,2
Notes:
1.
Active: WAIT is asserted until data becomes valid, then deasserts.
2.
When OE# = VIH during writes, WAIT = High-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com