Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 24 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 24 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 20Page - Micron Technology JS28F128P30TF75A Datasheet HTML 21Page - Micron Technology JS28F128P30TF75A Datasheet HTML 22Page - Micron Technology JS28F128P30TF75A Datasheet HTML 23Page - Micron Technology JS28F128P30TF75A Datasheet HTML 24Page - Micron Technology JS28F128P30TF75A Datasheet HTML 25Page - Micron Technology JS28F128P30TF75A Datasheet HTML 26Page - Micron Technology JS28F128P30TF75A Datasheet HTML 27Page - Micron Technology JS28F128P30TF75A Datasheet HTML 28Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
24
Order Number: 208033-02
8.0
Program Operation
The device supports three programming methods: Word Programming (40h/10h),
Buffered Programming (E8h, D0h), and Buffered Enhanced Factory Programming (80h,
D0h). The following sections describe device programming in detail.
Successful programming requires the addressed block to be unlocked. If the block is
locked down, WP# must be deasserted and the block must be unlocked before
attempting to program the block. Attempting to program a locked block causes a
program error (SR[4,1] set) and termination of the operation. See Section 10.0,
“Security” on page 31 for details on locking and unlocking blocks.
8.1
Word Programming
Word programming operations are initiated by writing the Word Program Setup
command to the device. This is followed by a second write to the device with the
address and data to be programmed. The device outputs Status Register data when
read. See Figure 32, “Word Program Flowchart” on page 73. VPP must be above VPPLK,
and within the specified VPPL min/max values.
During programming, the WSM executes a sequence of internally-timed events that
program the desired data bits at the addressed location, and verifies that the bits are
sufficiently programmed. Programming the flash memory array changes “ones” to
“zeros”. Memory array bits that are zeros can be changed to ones only by erasing the
block.
The Status Register can be examined for programming progress and errors by reading
at any address. The device remains in the Read Status Register state until another
command is written to the device.
Status Register bit SR.7 indicates the programming status while the sequence
executes. Commands that can be issued to the device during programming are Read
Status Register, Read Device Identifier, Read CFI, and Read Array (this returns
unknown data).
When programming has finished, Status Register bit SR.4 (when set) indicates a
programming failure. If SR.3 is set, the WSM could not perform the word programming
operation because VPP was outside of its acceptable limits. If SR.1 is set, the word
programming operation attempted to program a locked block, causing the operation to
abort.
Before issuing a new command, the Status Register contents should be examined and
then cleared using the Clear Status Register command. Any valid command can follow,
when word programming has completed.
8.2
Buffered Programming
The device features a 256-word buffer to enable optimum programming performance.
For Buffered Programming, data is first written to an on-chip write buffer. Then the
buffer data is programmed into the flash memory array in buffer-size increments. This
can improve system programming performance significantly over non-buffered
programming. (see Figure 35, “Buffer Program Flowchart” on page 76).
When the Buffered Programming Setup command is issued, Status Register information
is updated and reflects the availability of the buffer. SR.7 indicates buffer availability: if
set, the buffer is available; if cleared, the buffer is not available.
Note:
The device defaults to output SR data after the Buffered Programming Setup Command
(E8h) is issued. CE# or OE# must be toggled to update Status Register. Don’t issue the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com