Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 59 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 59 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 55Page - Micron Technology JS28F128P30TF75A Datasheet HTML 56Page - Micron Technology JS28F128P30TF75A Datasheet HTML 57Page - Micron Technology JS28F128P30TF75A Datasheet HTML 58Page - Micron Technology JS28F128P30TF75A Datasheet HTML 59Page - Micron Technology JS28F128P30TF75A Datasheet HTML 60Page - Micron Technology JS28F128P30TF75A Datasheet HTML 61Page - Micron Technology JS28F128P30TF75A Datasheet HTML 62Page - Micron Technology JS28F128P30TF75A Datasheet HTML 63Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
Datasheet
Apr 2010
59
Order Number:208033-02
P30-65nm SBC
16.0
Ordering Information
.
Note:
The last digit is randomly assigned to cover packing media and/or features or other specific configuration. For
further information on ordering products or for product part numbers, go to:
http://www.numonyx.com/en-US/MemoryProducts/Pages/PartNumberLookup.aspx
.
Figure 30: Decoder for discrete Products
F 1 2
P 3 0 B
8
S 2
J
8
Product Line Designator
28F = Numonyx® Flash Memory
Package Designator
JS = 56- Lead TSOP, lead- free
RC = 64- Ball Easy BGA, leaded
PC = 64- Ball Easy BGA,lead- free
Device Density
128 = 128-Mbit
640 = 64 - Mbit
Product Family
P 30 = Numonyx
® AxcellTM P30 Flash Memory
V CC = 1. 7 – 2.0V
V CCQ = 1 . 7 – 3. 6 V
Device Details
F = 65 nm lithography
Parameter Location
B = Bottom Parameter
T = Top Parameter
F 7 5
Speed
65ns
75ns
*
Device Features*
Table 28: Valid Combinations for Discrete Products
64-Mbit
128-Mbit
JS28F640P30BF75*
JS28F128P30BF75*
JS28F640P30TF75*
JS28F128P30TF75*
PC28F640P30BF65*
PC28F128P30BF65*
PC28F640P30TF65*
PC28F128P30TF65*
RC28F640P30BF65*
RC28F128P30BF65*
RC28F640P30TF65*
RC28F128P30TF65*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com