Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 30 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 30 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 26Page - Micron Technology JS28F128P30TF75A Datasheet HTML 27Page - Micron Technology JS28F128P30TF75A Datasheet HTML 28Page - Micron Technology JS28F128P30TF75A Datasheet HTML 29Page - Micron Technology JS28F128P30TF75A Datasheet HTML 30Page - Micron Technology JS28F128P30TF75A Datasheet HTML 31Page - Micron Technology JS28F128P30TF75A Datasheet HTML 32Page - Micron Technology JS28F128P30TF75A Datasheet HTML 33Page - Micron Technology JS28F128P30TF75A Datasheet HTML 34Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
30
Order Number: 208033-02
Register indicates a ready status (SR.7 = 1). The Status Register should be checked for
any errors, and then cleared. If the Blank Check operation fails, which means the block
is not completely erased, the Status Register bit SR.5 will be set (“1”). CE# or OE#
toggle (during polling) updates the Status Register.
After examining the Status Register, it should be cleared by the Clear Status Register
command before issuing a new command. The device remains in Status Register Mode
until another command is written to the device. Any command can follow once the
Blank Check command is complete.
9.3
Erase Suspend
Issuing the Erase Suspend command while erasing suspends the block erase operation.
This allows data to be accessed from memory locations other than the one being
erased. The Erase Suspend command can be issued to any device address. A block
erase operation can be suspended to perform a word or buffer program operation, or a
read operation within any block except the block that is erase suspended (see
Figure 34, “Erase Suspend/Resume Flowchart” on page 75).
When a block erase operation is executing, issuing the Erase Suspend command
requests the WSM to suspend the erase algorithm at predetermined points. The device
continues to output Status Register data after the Erase Suspend command is issued.
Block erase is suspended when Status Register bits SR[7,6] are set. Suspend latency is
specified in Section 15.5, “Program and Erase Characteristics” on page 58.
To read data from the device (other than an erase-suspended block), the Read Array
command must be issued. During Erase Suspend, a Program command can be issued
to any block other than the erase-suspended block. Block erase cannot resume until
program operations initiated during erase suspend complete. Read Array, Read Status
Register, Read Device Identifier, Read CFI, and Erase Resume are valid commands
during Erase Suspend. Additionally, Clear Status Register, Program, Program Suspend,
Block Lock, Block Unlock, and Block Lock-Down are valid commands during Erase
Suspend.
During an erase suspend, deasserting CE# places the device in standby, reducing
active current. VPP must remain at a valid level, and WP# must remain unchanged
while in erase suspend. If RST# is asserted, the device is reset.
9.4
Erase Resume
The Erase Resume command instructs the device to continue erasing, and
automatically clears SR[7,6]. This command can be written to any address. If Status
Register error bits are set, the Status Register should be cleared before issuing the next
instruction. RST# must remain deasserted.
9.5
Erase Protection
When VPP = VIL, absolute hardware erase protection is provided for all device blocks. If
VPP ≤ VPPLK, erase operations halt and SR.3 is set indicating a VPP-level error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com