Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 48 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 48 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 44Page - Micron Technology JS28F128P30TF75A Datasheet HTML 45Page - Micron Technology JS28F128P30TF75A Datasheet HTML 46Page - Micron Technology JS28F128P30TF75A Datasheet HTML 47Page - Micron Technology JS28F128P30TF75A Datasheet HTML 48Page - Micron Technology JS28F128P30TF75A Datasheet HTML 49Page - Micron Technology JS28F128P30TF75A Datasheet HTML 50Page - Micron Technology JS28F128P30TF75A Datasheet HTML 51Page - Micron Technology JS28F128P30TF75A Datasheet HTML 52Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
48
Order Number: 208033-02
15.0
AC Characteristics
15.1
AC Test Conditions
Note:
AC test inputs are driven at VCCQ for Logic "1" and 0 V for Logic "0." Input/output timing begins/ends at VCCQ/2. Input
rise and fall times (10% to 90%) < 5ns. Worst case speed occurs at VCC = VCCMin.
Notes:
1.
See the following table for component values.
2.
Test configuration component value for worst case speed conditions.
3.
CL includes jig capacitance
.
Figure 16: AC Input/Output Reference Waveform
Figure 17: Transient Equivalent Testing Load Circuit
Table 23: Test Configuration Component Value for Worst Case Speed Conditions
Test Configuration
CL (pF)
VCCQ Min Standard Test
30
IO_REF.WMF
Input V
CCQ/2
V
CCQ/2 Output
V
CCQ
0V
Test Points
Device
Under Test
Out
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com