Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 70 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 70 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 66Page - Micron Technology JS28F128P30TF75A Datasheet HTML 67Page - Micron Technology JS28F128P30TF75A Datasheet HTML 68Page - Micron Technology JS28F128P30TF75A Datasheet HTML 69Page - Micron Technology JS28F128P30TF75A Datasheet HTML 70Page - Micron Technology JS28F128P30TF75A Datasheet HTML 71Page - Micron Technology JS28F128P30TF75A Datasheet HTML 72Page - Micron Technology JS28F128P30TF75A Datasheet HTML 73Page - Micron Technology JS28F128P30TF75A Datasheet HTML 74Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
70
Order Number: 208033-02
Table 41: Partition Region 1 Information (Sheet 2 of 2)
Offset(1)
See table below
P = 10Ah
Description
Address
Bottom
Top
(Optional flash features and comm ands)
Len
Bot
Top
(P+2C)h (P+2C)h Partition Region 1 Erase Block Type 1 Information
4
136:
136:
(P+2D)h (P+2D)h
bits 0–15 = y, y+1 = # identical-size erase blks in a partition
137:
137:
(P+2E)h
(P+2E)h
bits 16–31 = z, region erase block(s) size are z x 256 bytes
138:
138:
(P+2F)h
(P+2F)h
139:
139:
(P+30)h
(P+30)h Partition 1 (Erase Block Type 1)
2
13A:
13A:
(P+31)h
(P+31)h
Block erase cycles x 1000
13B:
13B:
(P+32)h
(P+32)h
1
13C:
13C:
(P+33)h
(P+33)h
1
13D:
13D:
Partition Region 1 (Erase Block Type 1) Programming Region Information
6
(P+34)h
(P+34)h
bits 0–7 = x, 2^x = Programming Region aligned size (bytes)13E:
13E:
(P+35)h
(P+35)h
bits 8–14 = Reserved; bit 15 = Legacy flash operation (ignore 0:7)
13F:
13F:
(P+36)h
(P+36)h
bits 16–23 = y = Control Mode valid size in bytes
140:
140:
(P+37)h
(P+37)h
bits 24-31 = Reserved
141:
141:
(P+38)h
(P+38)h
bits 32-39 = z = Control Mode invalid size in bytes
142:
142:
(P+39)h
(P+39)h
bits 40-46 = Reserved; bit 47 = Legacy flash operation (ignore 23:16 & 39:32)
143:
143:
(P+3A)h (P+3A)h Partition Region 1 Erase Block Type 2 Information
4
144:
144:
(P+3B)h (P+3B)h
bits 0–15 = y, y+1 = # identical-size erase blks in a partition
145:
145:
(P+3C)h (P+3C)h
bits 16–31 = z, region erase block(s) size are z x 256 bytes
146:
146:
(P+3D)h (P+3D)h
147:
147:
(P+3E)h
(P+3E)h Partition 1 (Erase Block Type 2)
2
148:
148:
(P+3F)h
(P+3F)h
Block erase cycles x 1000
149:
149:
(P+40)h
(P+40)h
1
14A:
14A:
(P+41)h
(P+41)h
1
14B:
14B:
Partition Region 1 (Erase Block Type 2) Programming Region Information
6
(P+42)h
(P+42)h
bits 0–7 = x, 2^x = Programming Region aligned size (bytes)14C:
14C:
(P+43)h
(P+43)h
bits 8–14 = Reserved; bit 15 = Legacy flash operation (ignore 0:7)
14D:
14D:
(P+44)h
(P+44)h
bits 16–23 = y = Control Mode valid size in bytes
14E:
14E:
(P+45)h
(P+45)h
bits 24-31 = Reserved
14F:
14F:
(P+46)h
(P+46)h
bits 32-39 = z = Control Mode invalid size in bytes
150:
150:
(P+47)h
(P+47)h
bits 40-46 = Reserved; bit 47 = Legacy flash operation (ignore 23:16 & 39:32)
151:
151:
Partition 1 (erase block Type 2) bits per cell; internal EDAC
bits 0–3 = bits per cell in erase region
bit 4 = internal EDAC used (1=yes, 0=no)
bits 5–7 = reserve for future use
Partition 1 (erase block Type 2) page mode and synchronous mode capabilities
defined in Table 10.
bit 0 = page-mode host reads permitted (1=yes, 0=no)
bit 1 = synchronous host reads permitted (1=yes, 0=no)
bit 2 = synchronous host w rites permitte
Partition 1 (erase block Type 1) page mode and synchronous mode capabilities
defined in Table 10.
bit 0 = page-mode host reads permitted (1=yes, 0=no)
bit 1 = synchronous host reads permitted (1=yes, 0=no)
bit 2 = synchronous host w rites permitted (1=yes, 0=no)
bits 3–7 = reserved for future use
Partition 1 (erase block Type 1) bits per cell; internal EDAC
bits 0–3 = bits per cell in erase region
bit 4 = internal EDAC used (1=yes, 0=no)
bits 5–7 = reserve for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com