Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 14 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 14 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 10Page - Micron Technology JS28F128P30TF75A Datasheet HTML 11Page - Micron Technology JS28F128P30TF75A Datasheet HTML 12Page - Micron Technology JS28F128P30TF75A Datasheet HTML 13Page - Micron Technology JS28F128P30TF75A Datasheet HTML 14Page - Micron Technology JS28F128P30TF75A Datasheet HTML 15Page - Micron Technology JS28F128P30TF75A Datasheet HTML 16Page - Micron Technology JS28F128P30TF75A Datasheet HTML 17Page - Micron Technology JS28F128P30TF75A Datasheet HTML 18Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
14
Order Number: 208033-02
4.0
Signals
Table 3:
TSOP and Easy BGA Signal Descriptions
Symbol
Type
Name and Function
A[MAX:1]
Input
ADDRESS INPUTS: Device address inputs. 128-Mbit: A[23:1], 64-Mbit: A[22:1].
DQ[15:0]
Input/
Output
DATA INPUT/OUTPUTS: Inputs data and commands during write cycles; outputs data during
reads of memory, Status Register, OTP Register, and Read Configuration Register. Data balls float
when the CE# or OE# are deasserted. Data is internally latched during writes.
ADV#
Input
ADDRESS VALID: Active low input. During synchronous read operations, addresses are latched on
the rising edge of ADV#, or on the next valid CLK edge with ADV# low, whichever occurs first.
In asynchronous mode, the address is latched when ADV# going high or continuously flows through
if ADV# is held low.
WARNING: Designs not using ADV# must tie it to VSS to allow addresses to flow through.
CE#
Input
CHIP ENABLE: Active low input. CE# low selects the associated flash memory die. When asserted,
flash internal control logic, input buffers, decoders, and sense amplifiers are active. When
deasserted, the associated flash die is deselected, power is reduced to standby levels, data and
WAIT outputs are placed in high-Z state.
WARNING: Chip Enable must be high when device is not in use.
CLK
Input
CLOCK: Synchronizes the device with the system’s bus frequency in synchronous-read mode.
During synchronous read operations, addresses are latched on the rising edge of ADV#, or on the
next valid CLK edge with ADV# low, whichever occurs first.
WARNING: Designs not using CLK for synchronous read mode must tie it to VCCQ or VSS.
OE#
Input
OUTPUT ENABLE: Active low input. OE# low enables the device’s output data buffers during read
cycles. OE# high places the data outputs and WAIT in High-Z.
RST#
Input
RESET: Active low input. RST# resets internal automation and inhibits write operations. This
provides data protection during power transitions. RST# high enables normal operation. Exit from
reset places the device in asynchronous read array mode.
WAIT
Output
WAIT: Indicates data valid in synchronous array or non-array burst reads. RCR.10, (WT) determines
its polarity when asserted. WAIT’s active output is VOL or VOH when CE# and OE# are VIL. WAIT is
high-Z if CE# or OE# is VIH.
• In synchronous array or non-array read modes, WAIT indicates in valid data when asserted and
valid data when deasserted.
• In asynchronous page mode, and all write modes, WAIT is deasserted.
WE#
Input
WRITE ENABLE: Active low input. WE# controls writes to the device. Address and data are latched
on the rising edge of WE#.
WP#
Input
WRITE PROTECT: Active low input. WP# low enables the lock-down mechanism. Blocks in lock-
down cannot be unlocked with the Unlock command. WP# high overrides the lock-down function
enabling blocks to be erased or programmed using software commands.
VPP
Power/
Input
ERASE AND PROGRAM POWER: A valid voltage on this pin allows erasing or programming.
Memory contents cannot be altered when VPP ≤ VPPLK. Block erase and program at invalid VPP
voltages should not be attempted.
Set VPP = VPPL for in-system program and erase operations. To accommodate resistor or diode drops
from the system supply, the VIH level of VPP can be as low as VPPL min. VPP must remain above VPPL
min to perform in-system flash modification. VPP may be 0 V during read operations.
VPPH can be applied to array blocks for 1000 cycles maximum and to parameter blocks for 2500. VPP
can be connected to 9 V for a cumulative total not to exceed 80 hours. Extended use of this pin at
9 V may reduce block cycling capability.
VCC
Power
DEVICE CORE POWER SUPPLY: Core (logic) source voltage. Writes to the flash array are inhibited
when VCC ≤ VLKO. Operations at invalid VCC voltages should not be attempted.
VCCQ
Power
OUTPUT POWER SUPPLY: Output-driver source voltage.
VSS
Power
GROUND: Connect to system ground. Do not float any VSS connection.
RFU
—
RESERVED FOR FUTURE USE: Reserved by Numonyx for future device functionality and
enhancement. These should be treated in the same way as a Don’t Use (DU) signal.
DU
—
DON’T USE: Do not connect to any other signal, or power supply; must be left floating.
NC
—
NO CONNECT: No internal connection; can be driven or floated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com