Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 42 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 42 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 38Page - Micron Technology JS28F128P30TF75A Datasheet HTML 39Page - Micron Technology JS28F128P30TF75A Datasheet HTML 40Page - Micron Technology JS28F128P30TF75A Datasheet HTML 41Page - Micron Technology JS28F128P30TF75A Datasheet HTML 42Page - Micron Technology JS28F128P30TF75A Datasheet HTML 43Page - Micron Technology JS28F128P30TF75A Datasheet HTML 44Page - Micron Technology JS28F128P30TF75A Datasheet HTML 45Page - Micron Technology JS28F128P30TF75A Datasheet HTML 46Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
42
Order Number: 208033-02
11.3.2
Programming the OTP Registers
To program an OTP Register, first issue the OTP Register Program Setup command at
the device base address plus the offset address of the desired OTP Register location
(OTP-RA: see Figure 14, “OTP Register Map” on page 41). Next, write the desired OTP
Register data to the same OTP Register address. See Section 6.2, “Device Command
Bus Cycles” on page 20.
The device programs the 64-bit and Sixteen 128-bit user-programmable OTP Register
data 16 bits at a time (see Figure 40, “OTP Register Programming Flowchart” on
page 81). Issuing the OTP Register Program Setup command outside of the OTP
Register’s address space causes a program error (SR.4 set). Attempting to program a
locked OTP Register causes a program error (SR.4 set) and a lock error (SR.1 set).
11.3.3
Locking the OTP Registers
Each OTP Register can be locked by programming its respective lock bit in the Lock
Register. To lock an OTP Register, program the corresponding bit in the Lock Register by
issuing the Lock Register Program Setup command, followed by the desired Lock
Register data (see Section 6.2, “Device Command Bus Cycles” on page 20). The
physical addresses of the Lock Registers are 0x80 for register 0 and 0x89 for register 1.
These addresses are used when programming the lock registers (see Table 8, “Device
Identifier Information” on page 22).
Bit 0 of Lock Register 0 is already programmed during the manufacturing process at
Numonyx factory, locking the lower half segment of the first 128-bit OTP Register. Bit 1
of Lock Register 0 can be programmed by user to the upper half segment of the first
128-bit OTP Register. When programming Bit 1 of Lock Register 0, all other bits need to
be left as ‘1’ such that the data programmed is 0xFFFD.
Lock Register 1 controls the locking of the upper sixteen 128-bit OTP Registers. Each
bit of Lock Register 1 corresponds to a specific 128-bit OTP Register; e.g.,
programming LR1.0 locks the corresponding OTP Register 1.
Caution:
After being locked, the OTP Registers cannot be unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com