Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 71 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 71 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 67Page - Micron Technology JS28F128P30TF75A Datasheet HTML 68Page - Micron Technology JS28F128P30TF75A Datasheet HTML 69Page - Micron Technology JS28F128P30TF75A Datasheet HTML 70Page - Micron Technology JS28F128P30TF75A Datasheet HTML 71Page - Micron Technology JS28F128P30TF75A Datasheet HTML 72Page - Micron Technology JS28F128P30TF75A Datasheet HTML 73Page - Micron Technology JS28F128P30TF75A Datasheet HTML 74Page - Micron Technology JS28F128P30TF75A Datasheet HTML 75Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
Datasheet
Apr 2010
71
Order Number:208033-02
P30-65nm SBC
Table 42: Partition and Erase Block Region Information
Add
64-Mbit
128-Mbit
--B
--T
--B
--T
12D:
--01
--01
--01
--01
12E:
--24
--24
--24
--24
12F:
--00
--00
--00
--00
130:
--01
--01
--01
--01
131:
--00
--00
--00
--00
132:
--11
--11
--11
--11
133:
--00
--00
--00
--00
134:
--00
--00
--00
--00
135:
--02
--02
--02
--02
136:
--03
--3E
--03
--7E
137:
--00
--00
--00
--00
138:
--80
--00
--80
--00
139:
--00
--02
--00
--02
13A:
--64
--64
--64
--64
13B:
--00
--00
--00
--00
13C:
--02
--02
--02
--02
13D:
--03
--03
--03
--03
13E:
--00
--00
--00
--00
13F:
--80
--80
--80
--80
140:
--00
--00
--00
--00
141:
--00
--00
--00
--00
142
--00
--00
--00
--00
143:
--80
--80
--80
--80
144:
--3E
--03
--7E
--03
145:
--00
--00
--00
--00
146:
--00
--80
--00
--80
147:
--02
--00
--02
--00
148:
--64
--64
--64
--64
149:
--00
--00
--00
--00
14A:
--02
--02
--02
--02
14B:
--03
--03
--03
--03
14C:
--00
--00
--00
--00
14D:
--80
--80
--80
--80
14E:
--00
--00
--00
--00
14F:
--00
--00
--00
--00
150:
--00
--00
--00
--00
151:
--80
--80
--80
--80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com