Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 75 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 75 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 71Page - Micron Technology JS28F128P30TF75A Datasheet HTML 72Page - Micron Technology JS28F128P30TF75A Datasheet HTML 73Page - Micron Technology JS28F128P30TF75A Datasheet HTML 74Page - Micron Technology JS28F128P30TF75A Datasheet HTML 75Page - Micron Technology JS28F128P30TF75A Datasheet HTML 76Page - Micron Technology JS28F128P30TF75A Datasheet HTML 77Page - Micron Technology JS28F128P30TF75A Datasheet HTML 78Page - Micron Technology JS28F128P30TF75A Datasheet HTML 79Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
Datasheet
Apr 2010
75
Order Number:208033-02
P30-65nm SBC
Figure 34: Erase Suspend/Resume Flowchart
Erase
Completed
Read Array
Data
0
0
No
Read
1
Program
Program
Loop
Read Array
Data
1
Start
Read Status
Register
SR[7] =
SR[6] =
Erase
Resumed
Read or
Program ?
Done
Write
Write
Idle
Idle
Write
Erase
Suspend
Read Array
or Program
None
None
Program
Resume
Data = 0xB0
Addr = Same partition address as
above
Data = 0xFF or 0x40
Addr = Any address within the
suspended partition
Check SR[7]:
1 = WSM ready
0 = WSM busy
Check SR[6]:
1 = Erase suspended
0 = Erase completed
Data = 0xD0
Addr = Any address
Bus
Operation
Command
Comments
Read
None
Status Register data.
Addr = Same partition
Read or
Write
None
Read array or program data from/to
block other than the one being erased
ERASE SUSPEND / RESUME PROCEDURE
If the suspended partition was placed in
Read Array mode or a Program Loop:
Write 0xB0,
Any Address
(Erase Suspend )
Write 0x70,
Same Partition
(Read Status )
Write 0xD0,
Any Address
(Erase Resume )
Write 0x70,
Same Partition
(Read Status )
Write 0xFF,
Erased Partition
(Read Array )
Write
Read
Status
Data = 0x70
Addr = Any partition address
Write
Read
Status
Register
Return partition to Status mode:
Data = 0x70
Addr = Same partition
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com