Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 87 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 87 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 82Page - Micron Technology JS28F128P30TF75A Datasheet HTML 83Page - Micron Technology JS28F128P30TF75A Datasheet HTML 84Page - Micron Technology JS28F128P30TF75A Datasheet HTML 85Page - Micron Technology JS28F128P30TF75A Datasheet HTML 86Page - Micron Technology JS28F128P30TF75A Datasheet HTML 87Page - Micron Technology JS28F128P30TF75A Datasheet HTML 88Page - Micron Technology JS28F128P30TF75A Datasheet HTML 89Page - Micron Technology JS28F128P30TF75A Datasheet HTML 90Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
Datasheet
Apr 2010
87
Order Number:208033-02
P30-65nm SBC
Appendix B Conventions - Additional Documentation
B.1
Acronyms
B.2
Definitions and Terms
BEFP :
Buffer Enhanced Factory Programming
CUI :
Command User Interface
CFI :
Common Flash Interface
EFI :
Extended Function Interface
SBC :
Single Bit per Cell
OTP :
One-Time Programmable
PLR :
one-time programmable Lock Register
PR :
one-time programmable Register
RCR :
Read Configuration Register
RFU :
Reserved for Future Use
SR :
Status Register
SRD :
Status Register Data
WSM :
Write State Machine
VCC :
Signal or voltage connection
VCC :
Signal or voltage level
h :
Hexadecimal number suffix
0b :
Binary number prefix
0x :
Exadecimal number prefix
SR.4 :
Denotes an individual register bit.
SR[3,1] :
Denotes a group individual register bits.
SR[3:1] :
Denotes a group continuous register bits.
A[15:0] :
Denotes a group of similarly named signals, such as address or data bus.
A5 :
Denotes one element of a signal group membership, such as an individual address
bit.
Bit :
Single Binary unit
Byte :
Eight bits
Word :
Two bytes, or sixteen bits
Kbit :
1024 bits
KByte :
1024 bytes
KWord :
1024 words
Mbit :
1,048,576 bits
MByte :
1,048,576 bytes
MWord :
1,048,576 words
K :
1,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com