Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 171 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 171 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 167Page - Microchip Technology 30F4013 Datasheet HTML 168Page - Microchip Technology 30F4013 Datasheet HTML 169Page - Microchip Technology 30F4013 Datasheet HTML 170Page - Microchip Technology 30F4013 Datasheet HTML 171Page - Microchip Technology 30F4013 Datasheet HTML 172Page - Microchip Technology 30F4013 Datasheet HTML 173Page - Microchip Technology 30F4013 Datasheet HTML 174Page - Microchip Technology 30F4013 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 171
dsPIC30F3014/4013
23.0
ELECTRICAL CHARACTERISTICS
This section provides an overview of dsPIC30F electrical characteristics. Additional information will be provided in future
revisions of this document as it becomes available.
For detailed information about the dsPIC30F architecture and core, refer to the “dsPIC30F Family Reference Manual”
(DS70046).
Absolute maximum ratings for the dsPIC30F family are listed below. Exposure to these maximum rating conditions for
extended periods may affect device reliability. Functional operation of the device at these or any other conditions above
the parameters indicated in the operation listings of this specification is not implied.
Absolute Maximum Ratings(†)
Ambient temperature under bias............................................................................................................ .-40°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on any pin with respect to VSS (except VDD and MCLR) (Note 1) ..................................... -0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +5.5V
Voltage on MCLR with respect to VSS ....................................................................................................... 0V to +13.25V
Maximum current out of VSS pin ...........................................................................................................................300 mA
Maximum current into VDD pin (Note 2)................................................................................................................ 250 mA
Input clamp current, IIK (VI < 0 or VI > VDD) .......................................................................................................... ±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD) ................................................................................................... ±20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin .................................................................................................... 25 mA
Maximum current sunk by all ports ....................................................................................................................... 200 mA
Maximum current sourced by all ports (Note 2).................................................................................................... 200 mA
Note 1: Voltage spikes below Vss at the MCLR/VPP pin, inducing currents greater than 80 mA, may cause latch-up.
Thus, a series resistor of 50-100W should be used when applying a “low” level to the MCLR/VPP pin, rather
than pulling this pin directly to Vss.
2: Maximum allowable current is a function of device maximum power dissipation. See Table 23-4
†NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Note:
All peripheral electrical characteristics are specified. For exact peripherals available on specific
devices, please refer to the dsPIC30F3014/4013 Controller Family table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com