Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 175 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 175 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 171Page - Microchip Technology 30F4013 Datasheet HTML 172Page - Microchip Technology 30F4013 Datasheet HTML 173Page - Microchip Technology 30F4013 Datasheet HTML 174Page - Microchip Technology 30F4013 Datasheet HTML 175Page - Microchip Technology 30F4013 Datasheet HTML 176Page - Microchip Technology 30F4013 Datasheet HTML 177Page - Microchip Technology 30F4013 Datasheet HTML 178Page - Microchip Technology 30F4013 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 175
dsPIC30F3014/4013
TABLE 23-6:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical
Max
Units
Conditions
Operating Current (IDD)(1)
DC51a
1.4
3
mA
25°C
3.3V
0.128 MIPS
LPRC (512 kHz)
DC51b
1.5
3
mA
85°C
DC51c
1.5
3
mA
125°C
DC51e
3
5
mA
25°C
5V
DC51f
3
5
mA
85°C
DC51g
3
5
mA
125°C
DC50a
4
6
mA
25°C
3.3V
1.8 MIPS
FRC (7.37 MHz)
DC50b
4
6
mA
85°C
DC50c
4
6
mA
125°C
DC50e
8
11
mA
25°C
5V
DC50f
8
11
mA
85°C
DC50g
8
11
mA
125°C
DC43a
7
11
mA
25°C
3.3V
4 MIPS
DC43b
7
11
mA
85°C
DC43c
8
11
mA
125°C
DC43e
13
17
mA
25°C
5V
DC43f
13
17
mA
85°C
DC43g
13
17
mA
125°C
DC44a
16
22
mA
25°C
3.3V
10 MIPS
DC44b
16
22
mA
85°C
DC44c
17
22
mA
125°C
DC44e
27
36
mA
25°C
5V
DC44f
27
36
mA
85°C
DC44g
28
36
mA
125°C
DC47d
50
65
mA
25°C
5V
20 MIPS
DC47e
51
65
mA
85°C
DC47f
52
65
mA
125°C
DC49a
74
95
mA
25°C
5V
30 MIPS
DC49b
75
95
mA
85°C
Note 1:
Base IIDLE current is measured with core off, clock on and all modules turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com