Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 172 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 172 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 168Page - Microchip Technology 30F4013 Datasheet HTML 169Page - Microchip Technology 30F4013 Datasheet HTML 170Page - Microchip Technology 30F4013 Datasheet HTML 171Page - Microchip Technology 30F4013 Datasheet HTML 172Page - Microchip Technology 30F4013 Datasheet HTML 173Page - Microchip Technology 30F4013 Datasheet HTML 174Page - Microchip Technology 30F4013 Datasheet HTML 175Page - Microchip Technology 30F4013 Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 172
 2010 Microchip Technology Inc.
23.1
DC Characteristics
TABLE 23-1:
OPERATING MIPS vs. VOLTAGE
VDD Range
Temp Range
Max MIPS
dsPIC30FXXX-30I
dsPIC30FXXX-20E
4.5-5.5V
-40°C to 85°C
30
—
4.5-5.5V
-40°C to 125°C
—
20
3.0-3.6V
-40°C to 85°C
15
—
3.0-3.6V
-40°C to 125°C
—
10
2.5-3.0V
-40°C to 85°C
10
—
TABLE 23-2:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
dsPIC30F3014-30I
dsPIC30F4013-30I
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Operating Ambient Temperature Range
TA
-40
—
+85
°C
dsPIC30F3014-20E
dsPIC30F4013-20E
Operating Junction Temperature Range
TJ
-40
—
+150
°C
Operating Ambient Temperature Range
TA
-40
—
+125
°C
Power Dissipation:
Internal chip power dissipation:
PD
PINT + PI/O
W
I/O Pin power dissipation:
Maximum Allowed Power Dissipation
PDMAX
(TJ – TA)/
JA
W
PINT
VDD
IDD
IOH
–

=
PI/O
VDD
VOH
–
 I
OH

VOL
I OL

+
=
TABLE 23-3:
THERMAL PACKAGING CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Notes
Package Thermal Resistance, 40-pin DIP (P)
JA
—47
°C/W
1
Package Thermal Resistance, 44-pin TQFP (10x10x1mm)
JA
—39.3
°C/W
1
Package Thermal Resistance, 44-pin QFN
JA
—27.8
°C/W
1
Note 1:
Junction to ambient thermal resistance, Theta-ja (
JA) numbers are achieved by package simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com