Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 174 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 174 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 170Page - Microchip Technology 30F4013 Datasheet HTML 171Page - Microchip Technology 30F4013 Datasheet HTML 172Page - Microchip Technology 30F4013 Datasheet HTML 173Page - Microchip Technology 30F4013 Datasheet HTML 174Page - Microchip Technology 30F4013 Datasheet HTML 175Page - Microchip Technology 30F4013 Datasheet HTML 176Page - Microchip Technology 30F4013 Datasheet HTML 177Page - Microchip Technology 30F4013 Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 174
 2010 Microchip Technology Inc.
TABLE 23-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical
Max
Units
Conditions
Operating Current (IDD)(1)
DC31a
2
4
mA
25°C
3.3V
0.128 MIPS
LPRC (512 kHz)
DC31b
2
4
mA
85°C
DC31c
2
4
mA
125°C
DC31e
4
6
mA
25°C
5V
DC31f
4
6
mA
85°C
DC31g
4
6
mA
125°C
DC30a
6
11
mA
25°C
3.3V
1.8 MIPS
FRC (7.37 MHz)
DC30b
6
11
mA
85°C
DC30c
7
11
mA
125°C
DC30e
11
16
mA
25°C
5V
DC30f
11
16
mA
85°C
DC30g
11
16
mA
125°C
DC23a
13
20
mA
25°C
3.3V
4 MIPS
DC23b
13
20
mA
85°C
DC23c
14
20
mA
125°C
DC23e
22
31
mA
25°C
5V
DC23f
22
31
mA
85°C
DC23g
22
31
mA
125°C
DC24a
27
39
mA
25°C
3.3V
10 MIPS
DC24b
28
39
mA
85°C
DC24c
28
39
mA
125°C
DC24e
46
64
mA
25°C
5V
DC24f
46
64
mA
85°C
DC24g
46
64
mA
125°C
DC27d
86
120
mA
25°C
5V
20 MIPS
DC27e
85
120
mA
85°C
DC27f
85
120
mA
125°C
DC29a
123
170
mA
25°C
5V
30 MIPS
DC29b
122
170
mA
85°C
Note 1:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail-to-rail. All I/O pins are configured as inputs and pulled to VDD.
MCLR = VDD, WDT, FSCM, LVD and BOR are disabled. CPU, SRAM, program memory and data memory
are operational. No peripheral modules are operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com