Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 122Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 123Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 124Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 125Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 126Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 127Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 128Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 129Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 341 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADCV1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
122
Freescale Semiconductor
9.1.2
Alternate Clock
The ADC module is capable of performing conversions using the MCU bus clock, the bus clock divided
by two, the local asynchronous clock (ADACK) within the module, or the alternate clock, ALTCLK. The
alternate clock for the MC9S08SH8 MCU devices is the external reference clock (ICSERCLK).
The selected clock source must run at a frequency such that the ADC conversion clock (ADCK) runs at a
frequency within its specified range (fADCK) after being divided down from the ALTCLK input as
determined by the ADIV bits.
ALTCLK is active while the MCU is in wait mode provided the conditions described above are met. This
allows ALTCLK to be used as the conversion clock source for the ADC while the MCU is in wait mode.
ALTCLK cannot be used as the ADC conversion clock source while the MCU is in either stop2 or stop3.
9.1.3
Hardware Trigger
The ADC hardware trigger, ADHWT, is the output from the real time counter (RTC). The RTC counter
can be clocked by either ICSERCLK, ICSIRCLK or a nominal 1 kHz clock source.
The period of the RTC is determined by the input clock frequency, the RTCPS bits, and the RTCMOD
register. When the ADC hardware trigger is enabled, a conversion is initiated upon an RTC counter
overflow. The RTIE does not have to be set for RTC to cause a hardware trigger.
The RTC can be configured to cause a hardware trigger in MCU run, wait, and stop3.
9.1.4
Temperature Sensor
To use the on-chip temperature sensor, the user must perform the following:
•
Configure ADC for long sample with a maximum of 1 MHz clock
•
Convert the bandgap voltage reference channel (AD27)
— By converting the digital value of the bandgap voltage reference channel using the value of
VBG the user can determine VDD. For value of bandgap voltage, see Section A.6, “DC
Characteristics”.
•
Convert the temperature sensor channel (AD26)
— By using the calculated value of VDD, convert the digital value of AD26 into a voltage, VTEMP
Equation 9-1 provides an approximate transfer function of the on-chip temperature sensor for VDD = 5.0V,
Temp = 25
°C, using the ADC1 at f
ADCK = 1.0MHz and configured for long sample.
TempC = 25 - ( (VTEMP -VTEMP25) / m)
Eqn. 9-1
where:
—VTEMP is the voltage of the temperature sensor channel at the ambient temperature.
—VTEMP25 is the voltage of the temperature sensor channel at 25°C.
— m is the hot or cold voltage versus temperature slope in V/
°C.
For temperature calculations, use the VTEMP25 and m values in the data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com