Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 123Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 124Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 125Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 126Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 127Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 128Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 129Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 130Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 341 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADCV1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
123
In application code, the user reads the temperature sensor channel, calculates VTEMP, and compares it to
VTEMP25. If VTEMP is greater than VTEMP25 the cold slope value is applied in Equation 9-1. If VTEMP is
less than VTEMP25 the hot slope value is applied in Equation 9-1.
Calibrating at 25
°C will improve accuracy to ± 4.5°C.
Calibration at three points, -40
°C, 25°C, and 125°C will improve accuracy to ± 2.5°C. Once calibration
has been completed, the user will need to calculate the slope for both hot and cold. In application code, the
user would then calculate the temperature using Equation 9-1 as detailed above and then determine if the
temperature is above or below 25
°C. Once determined if the temperature is above or below 25°C, the user
can recalculate the temperature using the hot or cold slope value obtained during calibration.
Figure 9-1 shows the MC9S08SH8 with the ADC module highlighted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com