Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 124Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 125Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 126Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 127Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 128Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 129Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 130Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 131Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 341 page
background image
Chapter 9 Analog-to-Digital Converter (S08ADCV1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
124
Freescale Semiconductor
Figure 9-1. MC9S08SH8 Block Diagram Highlighting the ADC Module
PTB7/SCL/EXTAL
PTB6/SDA/XTAL
PTB5/TPM1CH1/SS
PTB4/TPM2CH1/MISO
PTB3/PIB3/MOSI/ADP7
PTB2/PIB2/SPSCK/ADP6
PTA1/PIA1/TPM2CH0/ADP1/ACMP–
PTB1/PIB1/TxD/ADP5
PTB0/PIB0/RxD/ADP4
PTC3/ADP11
PTC2/ADP10
PTC1/TPM1CH1/ADP9
PTC0/TPM1CH0/ADP8
PTA3/PAI3/SCL/ADP3
PTA2/PAI2/SDA/ADP2
PTA0/PIA0/TPM1CH0/ADP0/ACMP+
Pin can be enabled as part of the ganged output drive feature
PTA4/ACMPO/BKGD/MS
PTA5/IRQ/TCLK/RESET
NOTE 1: Port B not available on 8-pin packages
SEE NOTE 1
SEE NOTE 1, 2
NOTE 2: Port C not available on 8-pin or 16-pin packages
IIC MODULE (IIC)
SERIAL PERIPHERAL
INTERFACE MODULE (SPI)
INTERFACE MODULE (SCI)
SERIAL COMMUNICATIONS
8-BIT MODULO TIMER
MODULE (MTIM)
VOLTAGE REGULATOR
DEBUG MODULE (DBG)
MISO
SCL
SDA
MOSI
SPSCK
RxD
TxD
VSS
VDD
VSSA
VDDA
VREFL
VREFH
ANALOG-TO-DIGITAL
CONVERTER (ADC)
10-BIT
SS
TCLK
16-BIT TIMER/PWM
MODULE (TPM2)
TCLK
ANALOG COMPARATOR
(ACMP)
ACMPO
ACMP–
ACMP+
TPM2CH0
TPM2CH1
ADP11-ADP0
16-BIT TIMER/PWM
MODULE (TPM1)
TCLK
TPM1CH0
TPM1CH1
NOTE 3: VDDA/VREFH and VSSA/VREFL, are double bonded to VDD and VSS respectively.
NOTES
=
SEE NOTE 3
USER FLASH
USER RAM
HCS08 CORE
CPU
BDC
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
COP
LVD
LOW-POWER OSCILLATOR
40-MHz INTERNAL CLOCK
SOURCE (ICS)
31.25 kHz to 38.4 kHz
1 MHz to 16 MHz
(XOSC)
EXTAL
XTAL
BKGD/MS
REAL-TIME COUNTER (RTC)
(MC9S08SH8 = 8,192 BYTES)
(MC9S08SH4 = 4096 BYTES)
(MC9S08SH8 = 512 BYTES)
IRQ
IRQ
(MC9S08SH4 = 256 BYTES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com