Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 31Page - Analog Devices AD9920ABBCZ Datasheet HTML 32Page - Analog Devices AD9920ABBCZ Datasheet HTML 33Page - Analog Devices AD9920ABBCZ Datasheet HTML 34Page - Analog Devices AD9920ABBCZ Datasheet HTML 35Page - Analog Devices AD9920ABBCZ Datasheet HTML 36Page - Analog Devices AD9920ABBCZ Datasheet HTML 37Page - Analog Devices AD9920ABBCZ Datasheet HTML 38Page - Analog Devices AD9920ABBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
AD9920A
Rev. B | Page 35 of 112
Table 15. Summary of V-Sequence Registers (see Table 11 and Table 12 for the CLPOB, PBLK, and HBLK Register Summary)
Register
Length
(Bits)
Description
HOLD
4
Use in conjunction with VMASK_EVEN and VMASK_ODD.
1 = Enable HOLD function instead of FREEZE/RESUME function.
CONCAT_GRP
4
Combines toggle positions of Group A, Group B, Group C, and Group D when enabled. Only Group A settings
for start, polarity, length, and repetition are used when this mode is selected.
0 = disable.
1 = enable the addition of all toggle positions from VPATSELA/B/C/D.
2 to 15 = test mode only; do not use.
VREP_MODE
2
Selects line alternation for V-output repetitions. Two separate controls: one for Group A and the other for
Group B, Group C, and Group D.
0 = disable alternation. Group A uses VREPA_1, Groups B/C/D use VREP_EVEN for all lines.
1 = two-line. Group A alternates VREPA_1 and VREPA_2. Groups B/C/D alternate VREP_EVEN and VREP_ODD.
2 = three-line. Group A alternates VREPA_1, VREPA_2, and VREPA_3. Groups B/C/D follow a VREP_EVEN,
VREP_ODD, VREP_ODD, VREP_EVEN, VREP_ODD, VREP_ODD pattern.
3 = four-line. Group A alternates VREPA_1, VREPA_2, VREPA_3, and VREPA_4. Groups B/C/D follow two-line
alternation.
LASTREPLEN_EN
4
Enable a separate pattern length to be used during the last repetition of the V-sequence. One bit for each
group (A, B, C, and D); Group A is the LSB. Set bit high to enable. Recommended value is enabled.
HDLENE
14
HD line length for even lines in the V-sequence.
HDLENO
14
HD line length for
odd lines in the V-sequence.
VPOL
24
Group A start polarity bits for each XV1 to XV24 signal.
GROUPSEL_0
24
Assigns each XV1 to XV12 signal to Group A, Group B, Group C, or Group D. Two bits for each signal.
Bits[1:0] are for XV1.
Bits[3:2] are for XV2.
Bits[23:22] are for XV12.
0 = assign to Group A.
1 = assign to Group B.
2 = assign to Group C.
3 = assign to Group D.
GROUPSEL_1
24
Assigns each XV13 to XV24 signal to Group A, Group B, Group C, or Group D. Two bits for each signal.
Bits[1:0] are for XV13.
Bits[3:2] are for XV14.
Bits[23:22] are for XV24.
0 = assign to Group A.
1 = assign to Group B.
2 = assign to Group C.
3 = assign to Group D.
VPATSELA
5
Selected V-pattern for Group A.
VPATSELB
5
Selected V-pattern for Group B.
VPATSELC
5
Selected V-pattern for Group C.
VPATSELD
5
Selected V-pattern for Group D.
VSTARTA
13
Start position for the selected V-pattern Group A.
VSTARTB
13
Start position for the selected V-pattern Group B.
VSTARTC
13
Start position for the selected V-pattern Group C.
VSTARTD
13
Start position for the selected V-pattern Group D.
VLENA
13
Length of selected V-pattern Group A.
VLENB
13
Length of selected V-pattern Group B.
VLENC
13
Length of selected V-pattern Group C.
VLEND
13
Length of selected V-pattern Group D.
VREPA_1
13
Number of repetitions for the V-pattern Group A for first lines (even).
VREPA_2
13
Number of repetitions for the V-pattern Group A for second lines (odd).
VREPA_3
13
Number of repetitions for the V-pattern Group A for third lines.
VREPA_4
13
Number of repetitions for the V-pattern Group A for fourth lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com