Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 20Page - Analog Devices AD9920ABBCZ Datasheet HTML 21Page - Analog Devices AD9920ABBCZ Datasheet HTML 22Page - Analog Devices AD9920ABBCZ Datasheet HTML 23Page - Analog Devices AD9920ABBCZ Datasheet HTML 24Page - Analog Devices AD9920ABBCZ Datasheet HTML 25Page - Analog Devices AD9920ABBCZ Datasheet HTML 26Page - Analog Devices AD9920ABBCZ Datasheet HTML 27Page - Analog Devices AD9920ABBCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 112 page
background image
AD9920A
Rev. B | Page 24 of 112
3
2
1
HD
CLPOB
PBLK
PROGRAMMABLE SETTINGS:
1START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW).
2FIRST TOGGLE POSITION.
3SECOND TOGGLE POSITION.
ACTIVE
ACTIVE
Figure 27. Clamp and Preblank Pulse Placement
NO CLPOB SIGNAL
FOR LINE 600
VD
HD
NO CLPOB SIGNAL
FOR LINES 6 TO 8
CLPMASKSTART1 = 6
CLPMASKEND1 = 9
0
1
2
597
598
CLPMASKSTART2 = 600
CLPMASKEND2 = 601
CLPOB
Figure 28. CLPOB Masking Example
Individual HBLK Patterns
The HBLK programmable timing shown in Figure 29 is similar to
the timing of CLPOB and PBLK; however, there is no start polarity
control. Only the toggle positions are used to designate the start
and stop positions of the blanking period. Additionally, separate
masking polarity controls for each H-clock phase designate the
polarity of the horizontal clock signals during the blanking period.
Setting HBLKMASK_H1 high sets H1—and, therefore, H3, H5,
and H7—low during the blanking, as shown in Figure 30. As with
the CLPOB and PBLK signals, HBLK registers are available in
each V-sequence, allowing different blanking signals to be used
with different vertical timing sequences.
The AD9920A supports two modes of HBLK operation. HBLK
Mode 0 supports basic operation and pixel mixing HBLK oper-
ation. HBLK Mode 1 supports advanced HBLK operation.
The following sections describe each mode in detail. Register
parameters are described in detail in Table 12.
HBLK Mode 0 Operation
There are six toggle positions available for HBLK. Normally, only
two of the toggle positions are used to generate the standard
HBLK interval. However, the additional toggle positions can be
used to generate special HBLK patterns, as shown in Figure 31.
The pattern in this example uses all six toggle positions to gen-
erate two extra groups of pulses during the HBLK interval. By
changing the toggle positions, different patterns can be created.
Separate toggle positions are available for even and odd lines. If
alternation is not needed, the same values should be loaded into
the registers for even (HBLKTOGE) and odd (HBLKTOGO) lines.
Multiple repeats of the HBLK signal are enabled by setting the
HBLKLEN and HBLKREP registers along with the six toggle
positions (four are shown in Figure 32).
Generating HBLK Line Alternation
HBLK Mode 0 provides the ability to alternate different HBLK
toggle positions on even and odd lines. HBLK line alternation
can be used alone or in conjunction with V-pattern odd/even
alternation (see the Generating Line Alternation for V-Sequences
and HBLK section). Separate toggle positions are available for
even and odd lines. If even/odd line alternation is not needed,
the same values should be loaded into the registers for even
(HBLKTOGE) and odd (HBLKTOGO) lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com