Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 34Page - Analog Devices AD9920ABBCZ Datasheet HTML 35Page - Analog Devices AD9920ABBCZ Datasheet HTML 36Page - Analog Devices AD9920ABBCZ Datasheet HTML 37Page - Analog Devices AD9920ABBCZ Datasheet HTML 38Page - Analog Devices AD9920ABBCZ Datasheet HTML 39Page - Analog Devices AD9920ABBCZ Datasheet HTML 40Page - Analog Devices AD9920ABBCZ Datasheet HTML 41Page - Analog Devices AD9920ABBCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
AD9920A
Rev. B | Page 38 of 112
If only two groups are needed (up to eight toggle positions) for
the specified timing, the VPATSELB, VPATSELC, and VPATSELD
registers can be programmed to the same value. If only three
groups are needed, VPATSELC and VPATSELD can be
programmed to the same value. Following this approach
conserves register memory if the four separate V-patterns are
not needed.
Note that when CONCAT_GRP is enabled, the Group A
settings are used only for start position, polarity, length, and
repetitions. All toggle positions for Group A, Group B, Group C,
and Group D are combined together and applied using the
settings in the VSTARTA, VPOL, VLENA, and VREPA registers.
Special Vertical Sequence Alternation (SVSA) Mode
The AD9920A has additional flexibility for combining four
different V-pattern groups in a random sequence that can be
programmed for specific CCD requirements. This mode of
operation allows custom vertical sequences for CCDs that
require more complex vertical timing patterns. For example,
using the special vertical sequence alternation mode, it is
possible to support random pattern concatenation, with
additional support for odd/even line alternation.
Figure 47 illustrates four common and repetitive vertical pattern
segments, A through D, that are derived from the complete
vertical pattern. Figure 48 illustrates how each group can be
concatenated together in an arbitrary order.
To enable the SVSA mode, write the VSEQALT_EN bit,
Address 0x00, Bit 6 in the V-sequence registers, equal to 0x01.
This enables the FREEZE/RESUME registers to function as
VALTSEL registers.
To create SVSA timing, divide the complete vertical timing
pattern into four common and repetitive segments. Identify the
related segments as VPATA, VPATB, VPATC, or VPATD. Up to
four toggle positions for each segment can be programmed using
the V-pattern registers.
Table 16 shows how the segments are specified using a 2-bit
representation. Each bit from VALTSEL0 and VALTSEL1 is
combined to produce four values, corresponding to Pattern A,
Pattern B, Pattern C, and Pattern D.
Table 16. VALTSEL Bit Settings for Even and Odd Lines
Parameter
VALTSEL Bit Settings
VALTSEL0_EVEN
0
0
1
1
VALTSEL1_EVEN
0
1
0
1
VALTSEL0_ODD
0
0
1
1
VALTSEL1_ODD
0
1
0
1
Resulting Pattern for Even Lines
A
B
C
D
Resulting Pattern for Odd Lines
A
B
C
D
When the entire pattern is divided, program VALTSEL0 (even
and odd), Bits[17:0] and VALTSEL1 (even and odd), Bits[17:0]
so that the segments are concatenated in the desired order. If
separate odd and even lines are not required, set the odd and
even registers to the same value.
Figure 49 illustrates the process of using six vertical pattern
segments that are concatenated into a small, merged pattern.
Program the register VREPA_1 to specify the number of segments
that are concatenated into each merged pattern. The maximum
number of segments that can be concatenated to create a merged
pattern is 18. Program VLENA, VLENB, VLENC, and VLEND
to be of equal length. Finally, program HBLK to generate the
proper H-clock timing using the procedure described in the
HBLK Mode 1 Operation section.
It is important to note that because the FREEZE/RESUME registers
are used to specify the VALTSEL registers, it is impossible to use
both the FREEZE/RESUME functions and the SVSA mode.
Table 17. VALTSEL Register Locations
Function of FREEZE/
RESUME Registers When
VSEQALT_EN = 1
Register Location
VALTSEL0_EVEN, Bits[12:0]
VSEQ register FREEZE1, Bits[12:0]
VALTSEL0_EVEN, Bits[17:13]
VSEQ register RESUME1, Bits[17:13]
VALTSEL1_EVEN, Bits[12:0]
VSEQ register FREEZE2, Bits[12:0]
VALTSEL1_EVEN, Bits[17:13]
VSEQ register RESUME2, Bits[17:13]
VALTSEL0_ODD, Bits[12:0]
VSEQ register FREEZE3, Bits[12:0]
VALTSEL0_ODD, Bits[17:13]
VSEQ register RESUME3, Bits[17:13]
VALTSEL1_ODD, Bits[12:0]
VSEQ register FREEZE4, Bits[12:0]
VALTSEL1_ODD, Bits[17:13]
VSEQ register RESUME4, Bits[17:13]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com