Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 66 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 62Page - Analog Devices AD9920ABBCZ Datasheet HTML 63Page - Analog Devices AD9920ABBCZ Datasheet HTML 64Page - Analog Devices AD9920ABBCZ Datasheet HTML 65Page - Analog Devices AD9920ABBCZ Datasheet HTML 66Page - Analog Devices AD9920ABBCZ Datasheet HTML 67Page - Analog Devices AD9920ABBCZ Datasheet HTML 68Page - Analog Devices AD9920ABBCZ Datasheet HTML 69Page - Analog Devices AD9920ABBCZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 112 page
background image
AD9920A
Rev. B | Page 66 of 112
Single-Field Toggles
Single-field toggles occur in the next field only. There can be up to
four toggles in the field. The mode is set with GP_PROTOCOL
equal to 1, and the toggles are triggered in the next field by
writing to the MANUAL_TRIG register (Register 0x70, Bits[13:6]).
In this mode, the field toggle settings must be set to a value of 1.
Two consecutive fields do not have activity. If toggles are required
to repeat in the next field, the MANUAL_TRIG register can be
written to in consecutive fields.
Preparation
The GP toggle positions can be programmed any time prior to
use. For example,
0x7C
← 0x000A001
0x7D
← 0x0002000
0x7E
← 0x000000F
0x7F
← 0x00C4002
0x80
← 0x0004000
0x81
← 0x00000B3
Details
A) Field 0:
0x70
← 0x0000040
0x73
← 0x0000001
B) Field 1:
0x73
← 0x0000000
VD
1
REGISTER WRITE
AB
GP1_PROTOCOL 0
1
0
GPO1
NOTES
1. THE FIELD TOGGLE POSITION MUST BE SET TO 1 WHEN
GP PROTOCOL IS 1.
CAUTION! THE GP_PROTOCOL MUST BE RESET BEFORE
USING AGAIN.
Figure 84. Single-Field Toggles Using GP_PROTOCOL = 1
Scheduled Toggles
Scheduled toggles are programmed to occur during upcoming
fields. For example, there can be one toggle in Field 1, two
toggles in Field 3, and a last toggle in Field 4. The mode is set
with GP_PROTOCOL = 5 or GP_PROTOCOL = 6. Mode 5
tells the GPO to obey the primary field counter, and Mode 6
tells the GPO to obey the secondary field counter.
Note that for GP_PROTOCOL = 5 or GP_PROTOCOL = 6, at
least one toggle must be programmed in Field 1 for the AD9920A
to output the proper pattern on the GPO pins. If no toggle is
programmed in Field 1, all subsequent toggle positions are
ignored when GP_PROTOCOL = 5 or GP_PROTOCOL = 6.
This restriction applies only to GP_PROTOCOL = 5 or
GP_PROTOCOL = 6.
Preparation
The GP toggle positions can be programmed any time prior to
use. For example,
0x7C
← 0x00C4001
0x7D
← 0x0004000
0x7E
← 0x00000B3
Details
A) Field 0:
0x70
← 0x0000008
0x73
← 0x0000006
VD
1
2
REGISTER WRITE
A
GP1_PROTOCOL 0
SECONDARY
COUNT
01
6
20
GPO1
CAUTION! THE PRIMARY COUNTER REGULATES THE SUBCK
AND VSG ACTIVITY. LINK A GPO TO THE PRIMARY COUNTER
ONLY IF SUBCK AND VSG ACTIVITY WILL OCCUR DURING
EXPOSURE/READ.
(IDLE)
Figure 85. Scheduled Toggles Using GP_PROTOCOL = 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com