Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 7Page - Analog Devices AD9920ABBCZ Datasheet HTML 8Page - Analog Devices AD9920ABBCZ Datasheet HTML 9Page - Analog Devices AD9920ABBCZ Datasheet HTML 10Page - Analog Devices AD9920ABBCZ Datasheet HTML 11Page - Analog Devices AD9920ABBCZ Datasheet HTML 12Page - Analog Devices AD9920ABBCZ Datasheet HTML 13Page - Analog Devices AD9920ABBCZ Datasheet HTML 14Page - Analog Devices AD9920ABBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
AD9920A
Rev. B | Page 11 of 112
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
BOTTOM VIEW
(Not to Scale)
11 10 987
6543
21
A
B
C
D
E
F
G
H
J
K
L
A1 CORNER
INDEX AREA
Figure 4. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
L6
AVDD
P
Analog Supply.
J7, K8
AVSS
P
Analog Supply Ground.
A10
DVDD
P
Digital Logic Supply.
A9
DVSS
P
Digital Logic Ground.
L5
CLIVDD
P
CLI Input Supply.
K6
TCVDD
P
Analog Timing Core Supply.
K4
TCVSS
P
Analog Timing Core Ground.
A2
DRVDD
P
Data Driver Supply.
B2
DRVSS/LDOVSS
P
Data Driver and LDO Ground.
E1
HVDD1
P
H-Driver Supply.
E2
HVSS1
P
H-Driver Ground.
G1
HVDD2
P
H-Driver Supply.
G2
HVSS2
P
H-Driver Ground.
J1
HVDD2
P
H-Driver Supply.
J2
HVSS2
P
H-Driver Ground.
L3
RGVDD
P
RG, HL Driver Supply.
K3
RGVSS
P
RG, HL Driver Ground.
B1
LDOIN
P
LDO 3.3 V Input.
C1
LDOOUT
P
LDO Output Voltage.
H11
IOVDD
P
Digital I/O Supply.
G11
IOVSS
P
Digital I/O Ground.
C11
VDVDD
P
V-Driver Logic Supply (3 V).
C10
VDVSS
P
V-Driver Ground.
E3
VM1
P
V-Driver Midsupply.
D3
VL1
P
V-Driver Low Supply.
C3
VH1
P
V-Driver High Supply.
J3
VH2
P
V-Driver High Supply.
H3
VL2
P
V-Driver Low Supply.
F3
VM2
P
V-Driver Midsupply.
G3
VMM
P
V-Driver Midsupply for SUBCK Output.
J4
VLL
P
V-Driver Low Supply for SUBCK Output.
L7
CCDIN
AI
CCD Signal Input.
K7
CCDGND
AI
CCD Ground.
C2
SRCTL
AI
Slew Rate Control Pin. Tie to VDVSS if not used.
L8
REFT
AO
Voltage Reference Top Bypass.
L9
REFB
AO
Voltage Reference Bottom Bypass.
D11
VD
DIO
Vertical Sync Pulse.
E10
HD
DIO
Horizontal Sync Pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com