Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 86 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 86 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 82Page - Analog Devices AD9920ABBCZ Datasheet HTML 83Page - Analog Devices AD9920ABBCZ Datasheet HTML 84Page - Analog Devices AD9920ABBCZ Datasheet HTML 85Page - Analog Devices AD9920ABBCZ Datasheet HTML 86Page - Analog Devices AD9920ABBCZ Datasheet HTML 87Page - Analog Devices AD9920ABBCZ Datasheet HTML 88Page - Analog Devices AD9920ABBCZ Datasheet HTML 89Page - Analog Devices AD9920ABBCZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 112 page
background image
AD9920A
Rev. B | Page 86 of 112
STANDBY MODE OPERATION
The AD9920A contains three standby modes to optimize the
overall power dissipation in a particular application. Bits[1:0]
of Address 0x00 control the power-down state of the device.
Table 48. Power States Set by Standby Register
Standby Register,
Bits[1:0]
Description
00
Normal operation (full power)
01
Standby1 mode
10
Standby2 mode
11
Standby3 mode (lowest power)
Table 49 and Table 50 summarize the operation of each power-
down mode. The OUT_CONTROL register takes priority over
the Standby1 and Standby2 modes in determining the digital
output states, but Standby3 mode takes priority over OUT_
CONTROL. Standby3 has the lowest power consumption and
even shuts down the crystal oscillator circuit between CLI and
CLO. Therefore, if CLI and CLO are being used with a crystal
to generate the master clock, this circuit is powered down, and
there is no clock signal.
When returning from Standby3 mode to normal operation, the
timing core must be reset at least 500 μs after the STANDBY
register is written to. This allows sufficient time for the crystal
circuit to settle.
The vertical outputs can also be programmed to hold a specific
value during the Standby3 mode by using Address 0x26. This
register is useful during power-up if different polarities are
required by the V-driver and CCD to prevent damage when VH
and VL areas are applied. The polarities for Standby1 mode and
Standby2 mode are also programmable, using Address 0x25, and
OUT_CONTROL = low uses the same polarities programmed
for Standby1 and Standby2 modes in Address 0x25. The GPO
polarities are programmable using Address 0x27.
Note that the GPO outputs are high-Z by default at power-up
until Address 0x7A is used to select them as outputs.
CLI FREQUENCY CHANGE
If the input clock CLI is interrupted or changed to a different
frequency, the timing core must be reset for proper operation.
After the CLI clock has settled to the new frequency, or the
previous frequency is resumed, write 0 and then 1 to the
TGCORE_RST register (Address 0x14). This guarantees
that the timing core operates properly.
Table 49. Standby Mode Operation for HCLKMODE = 0x1, 0x2, or 0x4
(Standby Polarities for XV, XSUBCK, and GPO Outputs Are Programmable)
I/O Block
Standby3 (Default)1, 2
OUT_CONTROL = Low2
Standby23, 4
Standby13, 4
AFE
Off
No change
Off
Only REFT, REFB on
Timing Core
Off
No change
Off
On
CLO Oscillator
Off
No change
Off
On
CLO
Low
No change
Low
Running
H1
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
H2
High-Z
High
High (4.3 mA)
High (4.3 mA)
H3
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
H4
High-Z
High
High (4.3 mA)
High (4.3 mA)
H5
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
H6
High-Z
High
High (4.3 mA)
High (4.3 mA)
H7
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
H8
High-Z
High
High (4.3 mA)
High (4.3 mA)
HL
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
RG
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
VD
Low
VDHDPOL value
VDHDPOL value
Running
HD
Low
VDHDPOL value
VDHDPOL value
Running
DCLK
Low
Running
Low
Running
D0 to D11
Low
Low
Low
Low
XV1 to XV24
Low
Low
Low
Low
XSUBCK
Low
Low
Low
Low
GPO1 to GPO4,
GPO7, and GPO8
Low
Low
Low
Low
1 To exit Standby3 or Standby2 mode, write 00 to the standby register (Address 0x00, Bits[1:0]) and then reset the timing core after 500 μs to guarantee proper settling of the
oscillator and external crystal.
2 Standby3 mode takes priority over OUT_CONTROL for determining the output polarities.
3 These polarities assume OUT_CONTROL = high because OUT_CONTROL = low takes priority over Standby1 and Standby2.
4 Standby1 and Standby2 set H and RG drive strength to minimum value (4.3 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com