Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 23Page - Analog Devices AD9920ABBCZ Datasheet HTML 24Page - Analog Devices AD9920ABBCZ Datasheet HTML 25Page - Analog Devices AD9920ABBCZ Datasheet HTML 26Page - Analog Devices AD9920ABBCZ Datasheet HTML 27Page - Analog Devices AD9920ABBCZ Datasheet HTML 28Page - Analog Devices AD9920ABBCZ Datasheet HTML 29Page - Analog Devices AD9920ABBCZ Datasheet HTML 30Page - Analog Devices AD9920ABBCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 112 page
background image
AD9920A
Rev. B | Page 27 of 112
Register
Length
(Bits)
Range
Description
HBLKSTARTA
13
0 to 8191 pixel location
HBLK Repeat Area Start Position A for HBLK Mode 1. Set to 8191 if not used.
HBLKSTARTB
13
0 to 8191 pixel location
HBLK Repeat Area Start Position B for HBLK Mode 1. Set to 8191 if not used.
HBLKSTARTC
13
0 to 8191 pixel location
HBLK Repeat Area Start Position C for HBLK Mode 1. Set to 8191 if not used.
HBLKALT_PAT0
3
0 to 5 even repeat area
HBLK Mode 1, Repeat Area 0 pattern for odd lines. Selected from previously
defined even line repeat areas.
HBLKALT_PAT1
3
0 to 5 even repeat area
HBLK Mode 1, Repeat Area 1 pattern for odd lines.
HBLKALT_PAT2
3
0 to 5 even repeat area
HBLK Mode 1, Repeat Area 2 pattern for odd lines.
HBLKALT_PAT3
3
0 to 5 even repeat area
HBLK Mode 1, Repeat Area 3 pattern for odd lines.
HBLKALT_PAT4
3
0 to 5 even repeat area
HBLK Mode 1, Repeat Area 4 pattern for odd lines.
HBLKALT_PAT5
3
0 to 5 even repeat area
HBLK Mode 1, Repeat Area 5 pattern for odd lines.
1 PIXEL
MASK LEVEL = HIGH
MASK LEVEL = HIGH
MASK LEVEL = LOW
BLANKING
PHASE 1
PHASE 3
PHASE 2
INTERNAL
DIGITAL
CLOCK
MASTER
BLANKING
SIGNAL
H1/H2
H5/H6
H7/H8
1 PIXEL
1 PIXEL
1 PIXEL
A3
A2
A1
A
B
B3
B2
B1
Figure 33. Example of Correct HBLK Behavior
HBLK Fine Retime Control
Figure 33 shows the desired HBLK behavior for all three phases
when the internal digital clock is located before the Phase 3 rising
edge. Figure 34 shows the effect of changing the internal clock
phase (changing SHDLOC) to a different location. This causes
incorrect blanking on Phase 1 and Phase 2.
An additional set of register bits is available for use during
3-phase HCLK mode to provide fine adjustment of each HCLK
phase during the HBLK interval. The fine retime bits (Address 0x35,
Bits[23:20]) allow for the adjustment of the correct number of
HCLK cycles during the HBLK interval.
Figure 35 shows how the fine retime bits for Phase 1 and Phase 2
are used to generate the correct blanking behavior, matching the
result shown in Figure 33.
Figure 33 through Figure 35 show the different settings that can
be used based on the location of the HBLK toggle positions, the
location of the internal digital clock, and the masking polarity
of the different HCLK phases. By using the fine retime bits, the
exact pulse behavior for each HCLK phase can be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com