Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 82 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 78Page - Analog Devices AD9920ABBCZ Datasheet HTML 79Page - Analog Devices AD9920ABBCZ Datasheet HTML 80Page - Analog Devices AD9920ABBCZ Datasheet HTML 81Page - Analog Devices AD9920ABBCZ Datasheet HTML 82Page - Analog Devices AD9920ABBCZ Datasheet HTML 83Page - Analog Devices AD9920ABBCZ Datasheet HTML 84Page - Analog Devices AD9920ABBCZ Datasheet HTML 85Page - Analog Devices AD9920ABBCZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
AD9920A
Rev. B | Page 82 of 112
0V
1
VM
VH
VDD
56
7
10
9
11
4
3
2
8
12
SERIAL
WRITES
VD
(INPUT)
HD
(INPUT)
H-CLOCKS
VDR_EN
V1 TO V16
(V-DRIVER OUTPUT)
XV1 TO XV24
XSUBCK
(INTERNAL)
POWER
SUPPLIES
CLI
(INPUT)
CLOCKS ACTIVE WHEN OUT_CONTROL
REGISTER UPDATED AT VD/HD EDGE
H2, H4, H6, H8
H1, H3, H5, H7, RG
V-DRIVER OUTPUTS ACTIVE
WHEN VDR_EN IS HIGH
VL (SUBCK ONLY)
LOW BY
DEFAULT
HIGH-Z BY
DEFAULT
100µs
500µs
0V
VH SUPPLY
VL SUPPLY
+1.8V SUPPLY
+3V SUPPLIES
VM SUPPLY
SYNC/RST
Figure 103. Recommended Power-Up Sequence and Synchronization, Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com