Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 99 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 99 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 95Page - Analog Devices AD9920ABBCZ Datasheet HTML 96Page - Analog Devices AD9920ABBCZ Datasheet HTML 97Page - Analog Devices AD9920ABBCZ Datasheet HTML 98Page - Analog Devices AD9920ABBCZ Datasheet HTML 99Page - Analog Devices AD9920ABBCZ Datasheet HTML 100Page - Analog Devices AD9920ABBCZ Datasheet HTML 101Page - Analog Devices AD9920ABBCZ Datasheet HTML 102Page - Analog Devices AD9920ABBCZ Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 112 page
background image
AD9920A
Rev. B | Page 99 of 112
Address
Data Bits
Default Value
Update Type
Name
Description
0x2C
[4:0]
0
SCK
FIELD6
Selected sixth field in the mode register.
[9:5]
0
FIELD7
Selected seventh field in the mode register.
0x2D
[27]
0
SCK
UNUSED
Do not access, or set to 0.
0x2E
[27]
0
SCK
UNUSED
Do not access, or set to 0.
0x2F
[27]
0
SCK
UNUSED
Do not access, or set to 0.
Table 57. Timing Core Registers
Address
Data Bits
Default
Value
Update
Type
Name
Description
0x30
[5:0]
0
SCK
H1POSLOC
H1 rising edge location in HCLK Mode 1, Mode 2, and Mode 3.
Phase 3 (H7/H8) rising edge location in 3-phase mode.
[13:8]
0x20
H1NEGLOC
H1 falling edge location in HCLK Mode 1, Mode 2, and Mode 3.
Phase 3 (H7/H8) falling edge location in 3-phase mode.
[16]
0x01
Test
Test use only. Set to 1.
0x31
[5:0]
0
SCK
H2POSLOC
H2 rising edge location in HCLK Mode 2.
H5 rising edge location in HCLK Mode 3.
Phase 2 (H5/H6) rising edge location in 3-phase mode.
[13:8]
0x20
H2NEGLOC
H2 falling edge location in HCLK Mode 2.
H5 falling edge location in HCLK Mode 3.
Phase 2 (H5/H6) falling edge location in 3-phase mode.
[16]
0x01
Test
Test use only. Set to 1.
0x32
[5:0]
0
SCK
HLPOSLOC
HL rising edge location.
[13:8]
0x20
HLNEGLOC
HL falling edge location.
[16]
0x01
Test
Test use only. Set to 1.
0x33
[5:0]
0
SCK
H3P1POSLOC
Phase 1 (H1/H2) rising edge location in 3-phase mode.
[13:8]
0x20
H3P1NEGLOC
Phase 1 (H1/H2) falling edge location in 3-phase mode.
[16]
0x01
Test
Test use only. Set to 1.
0x34
[5:0]
0
SCK
RGPOSLOC
RG rising edge location.
[13:8]
0x10
RGNEGLOC
RG falling edge location.
[16]
0x01
Test
Test use only. Set to 1.
0x35
[0]
0
SCK
H1HBLKRETIME
Retime H1 HBLK to internal clock. Enabling retime adds one half cycle
delay to HBLK position.
0 = no retime.
1 = retime.
[1]
0
H2HBLKRETIME
Retime H2 HBLK to internal clock.
[2]
0
HLHBLKRETIME
Retime HL HBLK to internal clock.
[3]
0
H3PHBLKRETIME
Retime H3 HBLK to internal clock.
[7:4]
0
HCLK_WIDTH
Enables wide H-clocks during HBLK interval. Set to 0 to disable.
[8]
0
Test
Test use only. Set to 0.
[9]
0
HLHBLK
1 = enable HBLK for HL.
[19:10]
0
Test
Test use only. Set to 0.
[20]
0
H1FINERETIME
Adds one additional retime operation to H1 HBLK signal.
[21]
0
H2FINERETIME
Adds one additional retime operation to H2 HBLK signal.
[22]
0
HLFINERETIME
Adds one additional retime operation to HL HBLK signal.
[23]
0
H3PFINERETIME
Adds one additional retime operation to H3P HBLK signal
(3-phase mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com