Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 4Page - Analog Devices AD9920ABBCZ Datasheet HTML 5Page - Analog Devices AD9920ABBCZ Datasheet HTML 6Page - Analog Devices AD9920ABBCZ Datasheet HTML 7Page - Analog Devices AD9920ABBCZ Datasheet HTML 8Page - Analog Devices AD9920ABBCZ Datasheet HTML 9Page - Analog Devices AD9920ABBCZ Datasheet HTML 10Page - Analog Devices AD9920ABBCZ Datasheet HTML 11Page - Analog Devices AD9920ABBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
AD9920A
Rev. B | Page 8 of 112
VERTICAL DRIVER SPECIFICATIONS
VH1, VH2 = 12 V; VM1, VM2, VMM = 0 V; VL1, VL2, VLL = −6 V; CL shown in load model; TA = 25°C.
Table 5.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
V1A TO V13
Simplified load conditions, 3000 pF to
ground + 30 Ω in series, SRSW = VSS
Delay Time, VL to VM and VM to VH
tPLM, tPMH
40
ns
Delay Time, VM to VL and VH to VM
tPML, tPHM
40
ns
Rise Time, VL to VM
tRLM
150
ns
Rise Time, VM to VH
tRMH
315
ns
Fall Time, VM to VL
tFML
250
ns
Fall Time, VH to VM
tFHM
165
ns
Output Currents
At −7.25 V
10
mA
At −0.25 V
−22
mA
At +0.25 V
22
mA
At +14.75 V
−10
mA
RON
35
Ω
V14, V15, V16
Simplified load conditions, 3000 pF to
ground + 30 Ω in series
Delay Time, VL to VM
tPLM
45
ns
Delay Time, VM to VL
tPML
45
ns
Rise Time, VL to VM
tRLM
345
ns
Fall Time, VM to VL
tFML
280
ns
Output Currents
At −7.25 V
10
mA
At −0.25 V
−7
mA
RON
55
Ω
SUBCK OUTPUT
Simplified load conditions, 1000 pF to ground
Delay Time, VLL to VH
tPLH
50
ns
Delay Time, VH to VLL
tPHL
50
ns
Delay Time, VLL to VMM
tPLM
50
ns
Delay Time, VMM to VH
tPMH
50
ns
Delay Time, VH to VMM
tPHM
50
ns
Delay Time, VMM to VLL
tPML
50
ns
Rise Time, VLL to VH
tRLH
50
ns
Rise Time, VLL to VMM
tRLM
55
ns
Rise Time, VMM to VH
tRMH
50
ns
Fall Time, VH to VLL
tFHL
55
ns
Fall Time, VH to VMM
tFHM
100
ns
Fall Time, VMM to VLL
tFML
40
ns
Output Currents
At −7.25 V
20
mA
At −0.25 V
−12
mA
At +0.25 V
12
mA
At +14.75 V
−20
mA
RON
35
Ω
SRCTL INPUT RANGE
Valid only when SRSW is high
0.8
VDVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com