Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 68 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 64Page - Analog Devices AD9920ABBCZ Datasheet HTML 65Page - Analog Devices AD9920ABBCZ Datasheet HTML 66Page - Analog Devices AD9920ABBCZ Datasheet HTML 67Page - Analog Devices AD9920ABBCZ Datasheet HTML 68Page - Analog Devices AD9920ABBCZ Datasheet HTML 69Page - Analog Devices AD9920ABBCZ Datasheet HTML 70Page - Analog Devices AD9920ABBCZ Datasheet HTML 71Page - Analog Devices AD9920ABBCZ Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
AD9920A
Rev. B | Page 68 of 112
GP LOOKUP TABLE (LUT)
The AD9920A is equipped with a lookup table for each pair
of consecutive GP signals when configured as outputs. GPO1 is
always combined with GPO2, GPO3 is always combined with
GPO4, GPO5 is always combined with GPO6, and GPO7 is
always combined with GPO8. The external GPO outputs from
each pair can output the result of the LUT or the original GP
internal signal.
GP1
LUT
1
0
0
1
GPO2
GPO1
GP2
GP2_USE_LUT
GP1_USE_LUT
Figure 88. Internal LUT for GPO1 and GPO2 Signals
Address 0x7B configures the behavior of the LUT and which
signals receive the result. Each 4-bit LUT_FOR_GPxy register
can realize any logic combination of GPx and GPy. For example,
Table 46 shows how the register values of LUT_FOR_GP12,
Bits[11:8], are determined. XOR, NAND, AND, and OR results
are shown, but any 4-bit combination is possible. A simple
example of XOR gating is shown in Figure 89.
Table 46. LUT Results Based on GP1 and GP2 Values
GP2
GP1
LUT: XOR
LUT: NAND
LUT: AND
LUT: OR
0
0
0
1
0
0
0
1
1
1
0
1
1
0
1
1
0
1
1
1
0
0
1
1
GP1
GP2
GPO2
NOTES
1. LOGIC COMBINATION (XOR) OF PROGRAMMED TOGGLES
GP1 AND GP2.
LUT_FOR_GP12[11:8] = 0x06
GP2_USE_LUT = 1
GP1_USE_LUT = 0
GPO1
Figure 89. LUT Example for GP1 XOR GP2
Field Counter and GPO Limitations
The following is a summary of the known limitations of the
field counters and GPO signals.
•
The field counter trigger (PRIMARY_ACTION and
SECOND_ACTION registers, Address 0x70) is
automatically reset at the start of every VD period.
Therefore, there must be one VD period between
sequential programming to that address.
•
If GPx_PROTOCOL = 1, it must be manually reset to
GPx_PROTOCOL = 0 one VD period before it can be
used again. If manual toggles are desired in sequential
fields, the MANUAL_TRIG register should be used in
conjunction with GPx_PROTOCOL = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com