Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 25Page - Analog Devices AD9920ABBCZ Datasheet HTML 26Page - Analog Devices AD9920ABBCZ Datasheet HTML 27Page - Analog Devices AD9920ABBCZ Datasheet HTML 28Page - Analog Devices AD9920ABBCZ Datasheet HTML 29Page - Analog Devices AD9920ABBCZ Datasheet HTML 30Page - Analog Devices AD9920ABBCZ Datasheet HTML 31Page - Analog Devices AD9920ABBCZ Datasheet HTML 32Page - Analog Devices AD9920ABBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
AD9920A
Rev. B | Page 29 of 112
Increasing H-Clock Width During HBLK
The AD9920A allows the H1 to H8 pulse width to be increased
during the HBLK interval. As shown in Figure 36, the H-clock fre-
quency can be reduced by a factor of 1/2, 1/4, 1/6, 1/8, 1/10, 1/12,
and so on, up to 1/30. To enable this feature, the HCLK_WIDTH
register (Address 0x35, Bits[7:4]) is set to a value between 1 and 15.
When this register is set to 0, the wide HCLK feature is disabled.
The reduced frequency occurs for only the H1 to H8 pulses that
are located within the HBLK area.
The HCLK_WIDTH register is generally used in conjunction
with special HBLK patterns to generate vertical and horizontal
mixing in the CCD.
HBLK Mode 1 Operation
HBLK Mode 1 allows more advanced HBLK pattern operation.
If multiple areas of HCLK pulses that are unevenly spaced from
one another are needed, HBLK Mode 1 can be used. Using a
separate set of registers, HBLK Mode 1 can divide the HBLK
region into up to six repeat areas (see Table 12).
As shown in Figure 37, each repeat area shares a common
group of toggle positions: HBLKSTARTA, HBLKSTARTB, and
HBLKSTARTC. However, the number of toggles following a start
position can be unique in each repeat area by using the RAxH1REP
and RAxH2REP registers; these registers, depending on the mode
of operation, are stored in the HBLKTOGO1 to HBLKTOGO6
and HBLKTOGE1 to HBLKTOGE6 registers (Address 0x19 to
Address 0x1E; see Table 63).
Table 13. HCLK Width Register
Register
Length (Bits)
Description
HCLK_WIDTH
4
Controls the H1 to H8 pulse widths during HBLK as a fraction of pixel rate
0 = same frequency as pixel rate; 1 = 1/2 pixel frequency (doubles the HCLK pulse width);
2 = 1/4 pixel frequency; 3 = 1/6 pixel frequency; 4 = 1/8 pixel frequency;
5 = 1/10 pixel frequency; 15 = 1/30 pixel frequency
HBLK
H-CLOCK FREQUENCY CAN BE REDUCED DURING HBLK BY 1/2 (AS SHOWN),
1/4, 1/6, 1/8, 1/10, 1/12, AND SO ON, UP TO 1/30 USING HBLK_WIDTH REGISTER.
H1/H3
H2/H4
1/fPIX
2 × (1/fPIX)
Figure 36. Generating Wide H-Clock Pulses During HBLK Interval
H1
H2
HBLKSTART
A
HBLKEND
REPEAT AREA 0
HD
B
C
REPEAT AREA 1
REPEAT AREA 2
REPEAT AREA 3
REPEAT AREA 4
REPEAT AREA 5
MASK A, B, C PULSES IN ANY REPEAT
AREA BY SETTING RAxHxREPx = 0
CHANGE NUMBER OF A, B, C PULSES IN ANY
REPEAT AREA USING RAxHxREPx REGISTERS
CREATE UP TO THREE GROUPS OF TOGGLES
(A, B, C) COMMON IN ALL REPEAT AREAS
Figure 37. HBLK Mode 1 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com