Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 79Page - Analog Devices AD9920ABBCZ Datasheet HTML 80Page - Analog Devices AD9920ABBCZ Datasheet HTML 81Page - Analog Devices AD9920ABBCZ Datasheet HTML 82Page - Analog Devices AD9920ABBCZ Datasheet HTML 83Page - Analog Devices AD9920ABBCZ Datasheet HTML 84Page - Analog Devices AD9920ABBCZ Datasheet HTML 85Page - Analog Devices AD9920ABBCZ Datasheet HTML 86Page - Analog Devices AD9920ABBCZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
AD9920A
Rev. B | Page 83 of 112
POWER-DOWN SEQUENCE FOR MASTER AND
SLAVE MODES
1.
Write 0 to the appropriate bit in the GPO_OUTPUT_EN
register (Address 0x7A) to set the appropriate VDR_EN
control signal low.
2.
The next VD edge updates Address 0x7A, causing the
VDR_EN signal to go low and disabling the V-driver
outputs. If operating in slave mode, turn off VD and HD
after VDR_EN switches low.
3.
Write 0x03 to the AFE standby register (Address 0x00) to
place the AD9920A into Standby3 mode.
4.
Power down the V-driver supplies.
5.
Power down the 3 V and 1.8 V supplies.
4
0V
1
5
3
VM
VL (SUBCK)
0V
2
SERIAL
WRITES
VD
HD
H-CLOCKS
VDR_EN
V1 TO V15
XSUBCK
POWER
SUPPLIES
VH SUPPLY
VL SUPPLY
+1.8V SUPPLIES
+3V SUPPLIES
VM SUPPLY
Figure 104. Recommended Power-Down Sequence, Master or Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com