Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 33Page - Analog Devices AD9920ABBCZ Datasheet HTML 34Page - Analog Devices AD9920ABBCZ Datasheet HTML 35Page - Analog Devices AD9920ABBCZ Datasheet HTML 36Page - Analog Devices AD9920ABBCZ Datasheet HTML 37Page - Analog Devices AD9920ABBCZ Datasheet HTML 38Page - Analog Devices AD9920ABBCZ Datasheet HTML 39Page - Analog Devices AD9920ABBCZ Datasheet HTML 40Page - Analog Devices AD9920ABBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
AD9920A
Rev. B | Page 37 of 112
XV1
XV8
HD
XV9
XV10
XV1 TO XV8 USE
V-PATTERN GROUP A
XV9, XV10 USE
V-PATTERN GROUP B
Figure 44. Using Separate Group A and Group B Patterns
XV1
XV24
HD
V-PATTERN GROUP A
V-PATTERN GROUP B
V-PATTERN GROUP C
V-PATTERN GROUP D
Figure 45. Combining Multiple V-Patterns Using CONCAT_GRP = 1
XV1
XV10
HD
V-PATTERN GROUP A
V-PATTERN GROUP B
GROUP A REP 1
GROUP A REP 2
GROUP A REP 3
Figure 46. Combining Group A and Group B Patterns with Repetition
Group A/Group B/Group C/Group D Selection
If additional flexibility is needed, some outputs can be set to
Group B, Group C, or Group D in the GROUPSEL registers. In
this case, those selected outputs use the V-pattern group specified
by the VPATSELB, VPATSELC, or VPATSELD registers. Figure 44
shows an example where the V9 and V10 outputs use a separate
V-pattern Group B to perform special CCD timing.
The AD9920A has the flexibility to use four different V-pattern
groups in a vertical sequence. In general, the vertical outputs
use the same V-pattern group during a particular sequence. It
is possible to assign some of the outputs to a different V-pattern
group, which can be useful in certain CCD readout modes.
Another application of the Group A, Group B, Group C, and
Group D registers is to combine up to four different V-pattern
groups together for more complex patterns. This is accom-
plished by setting the CONCAT_GRP register (Address 0x00,
Bits[13:10]) equal to 0x01. This setting combines the toggle
positions from the V-pattern groups specified by registers
VPATSELA, VPATSELB, VPATSELC, and VPATSELD for a
maximum of up to 16 toggle positions. Example timing for the
CONCAT_GRP = 1 feature is shown in Figure 45.
The GROUPSEL registers are used to select the group (A, B, C,
or D) for each V-output. In general, only a single V-pattern
group is needed for the vertical outputs; therefore, Group A
should be selected for all outputs by default (GROUPSEL_0,
GROUPSEL_1 = 0x00). In this configuration, all outputs use
the V-pattern group specified by the VPATSELA register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com