Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 3Page - Analog Devices AD9920ABBCZ Datasheet HTML 4Page - Analog Devices AD9920ABBCZ Datasheet HTML 5Page - Analog Devices AD9920ABBCZ Datasheet HTML 6Page - Analog Devices AD9920ABBCZ Datasheet HTML 7Page - Analog Devices AD9920ABBCZ Datasheet HTML 8Page - Analog Devices AD9920ABBCZ Datasheet HTML 9Page - Analog Devices AD9920ABBCZ Datasheet HTML 10Page - Analog Devices AD9920ABBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
AD9920A
Rev. B | Page 7 of 112
TIMING SPECIFICATIONS
CL = 20 pF, AVDD = DVDD = TCVDD = 1.8 V, fCLI = 40.5 MHz, unless otherwise noted.
Table 4.
Parameter
Test Conditions/
Comments
Symbol
Min
Typ
Max
Unit
MASTER CLOCK
See Figure 18
CLI Clock Period
tCONV
24.7
ns
CLI High/Low Pulse Width
0.8 × tCONV/2
tCONV/2
1.2 × tCONV/2
ns
Delay from CLI Rising Edge to Internal
Pixel Position 0
tCLIDLY
6
ns
SLAVE MODE SPECIFICATIONS
See Figure 105
VD Falling Edge to HD Falling Edge
tVDHD
0
VD period − tCONV
ns
HD Falling Edge to CLI Rising Edge
Only valid if OSC_RST = 0
tHDCLI
3
tCONV − 2
ns
HD Falling Edge to CLO Rising Edge
Only valid if OSC_RST = 1
tHDCLO
3
tCONV − 2
ns
CLI Rising Edge to SHPLOC
Internal sample edge
tCLISHP
3
tCONV − 2
ns
AFE
SHPLOC Sample Edge to SHDLOC
Sample Edge
See Figure 23
tS1
0.8 × tCONV/2
tCONV/2
tCONV − tS2
ns
SHDLOC Sample Edge to SHPLOC
Sample Edge
See Figure 23
tS2
0.8 × tCONV/2
tCONV/2
tCONV − tS1
ns
AFE Pipeline Delay
See Figure 26
16
Cycles
AFE CLPOB Pulse Width
2
20
Pixels
DATA OUTPUTS
Output Delay from DCLK Rising Edge
See Figure 25
tOD
1
ns
Pipeline Delay from SHP/SHD
Sampling to Data Output
16
Cycles
SERIAL INTERFACE
Maximum SCK Frequency
Must not exceed CLI
frequency
fSCLK
40.5
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
TIMING CORE SETTING RESTRICTIONS
Inhibited Region for SHP Edge
Location1
See Figure 23
tSHPINH
50
62
Edge
location
Inhibited Region for SHP or SHD with
Respect to H-Clocks2, 3, 4
See Figure 23 and
Figure 24
RETIME = 0, MASK = 0
tSHDINH
HxNEGLOC − 14
HxNEGLOC − 2
Edge
location
RETIME = 0, MASK = 1
tSHDINH
HxPOSLOC − 14
HxPOSLOC − 2
Edge
location
RETIME = 1, MASK = 0
tSHPINH
HxNEGLOC − 14
HxNEGLOC − 2
Edge
location
RETIME = 1, MASK = 1
tSHPINH
HxPOSLOC − 14
HxPOSLOC − 2
Edge
location
Inhibited Region for DOUTPHASE Edge
Location
See Figure 23
tDOUTINH
SHDLOC + 1
SHDLOC + 12
Edge
location
1 Applies only to slave mode operation. The inhibited area for SHP is needed to meet the timing requirement for tCLISHP for proper H-counter reset operation.
2 When the HBLKRETIME bits (Address 0x35, Bits[3:0]) are enabled, the inhibit region for the SHD location changes to the inhibit region for the SHP location.
3 When the HBLK masking polarity registers (V-sequence Register 0x18[24:21]) are set to 0, the H-edge reference becomes HxNEGLOC.
4 The H-clock signals that have SHP/SHD inhibit regions depend on the HCLK mode: Mode 1 = H1; Mode 2 = H1, H2; Mode 3 = H1, H3; and 3-Phase Mode = Phase 1,
Phase 2, and Phase 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com