Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 60Page - Analog Devices AD9920ABBCZ Datasheet HTML 61Page - Analog Devices AD9920ABBCZ Datasheet HTML 62Page - Analog Devices AD9920ABBCZ Datasheet HTML 63Page - Analog Devices AD9920ABBCZ Datasheet HTML 64Page - Analog Devices AD9920ABBCZ Datasheet HTML 65Page - Analog Devices AD9920ABBCZ Datasheet HTML 66Page - Analog Devices AD9920ABBCZ Datasheet HTML 67Page - Analog Devices AD9920ABBCZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
AD9920A
Rev. B | Page 64 of 112
GENERAL-PURPOSE OUTPUTS (GPOs)
The AD9920A provides programmable outputs to control a
mechanical shutter, the strobe/flash, the CCD bias select signal,
or any other external component with general-purpose (GP)
signals. Eight GP signals, with up to four toggles each, are
available to be programmed and assigned to special GPO pins.
These pins are bidirectional and allow visibility (as an output)
and external control (as an input) of HBLK, PBLK, CLPOB, and
OUT_CONTROL. The GPO registers are described in Table 45.
Note that GPO5 and GPO6 are used to control the SG signals
for the V5 and V6 outputs of the AD9920A. See the SG Control
Using GPO section for more information.
GP Toggles
When configured as an output, each GPO output can deliver a
signal that is the result of programmable toggle positions. The
GP signals are independent and can be linked to a specific VD
period or to a range of VD periods via the primary or secondary
field counters through the GP protocol register (Address 0x73).
As a result of their associations with the field counters, the GP
toggles inherit the characteristics of the field counters, such as
RapidShot and ShotTimer.
To program the GP toggles, complete the following steps:
1.
Program the toggle positions (Address 0x7C to
Address 0xAB).
2.
Program the GP protocol (Address 0x73).
3.
Program the counter parameters (Address 0x71 to
Address 0x72).
4.
Activate the counter (Address 0x70).
For Protocol 1 (no counter association), skip Step 3 and Step 4.
With these four steps, the GP signals can be programmed to
accomplish many common tasks. Careful protocol selection and
application of the field counters yields efficient results to allow
the GP signals smooth integration with concurrent operations.
Note that the SUBCK and VSG masks are linked to the primary
counter; however, if their parameters are 0, the GPO can use the
primary counter without expose/read activity.
The secondary counter is independent and can be used simul-
taneously with the primary counter. Some applications may
require the use of both primary and secondary field counters
with different GPO protocols, start times, and durations. Such
operations are easily handled by the AD9920A.
Several simple examples of GPO applications using only one
GPO and one field counter follow. These examples can be used
as building blocks for more complex GPO activity. In addition,
specific GPO signals can be passed through a four-input lookup
table (LUT) to realize combinational logic between them. For
example, GP1 and GP2 can be sent through an XOR lookup
table, and the result can be delivered on GP1, GP2, or both. In
addition, GP1 or GP2 can deliver its original toggles.
Table 45. GPO Registers
Register
Length (Bits)
Range
Description
GP1_PROTOCOL
3
0 to 7
0 = idle
GP2_PROTOCOL
3
0 to 7
1 = no counter association; use MANUAL_TRIG bits to enable each GP signal.
GP3_PROTOCOL
3
0 to 7
2 = test only.
GP4_PROTOCOL
3
0 to 7
3 = test only.
GP5_PROTOCOL
3
0 to 7
4 = link to mode counter (from vertical timing generation).
GP6_PROTOCOL
3
0 to 7
5 = link to primary counter (also allows GP signals to repeat with RapidShot).
GP7_PROTOCOL
3
0 to 7
6 = link to secondary counter (also allows GP signals to repeat with RapidShot).
GP8_PROTOCOL
3
0 to 7
7 = keep on.
MANUAL_TRIG
8
On/off
Manual trigger for each GP signal. For use with Protocol 1.
GP[1:8]_POL
8
Low/high
Starting polarity for GP signals. Only updated when GPx_PROTOCOL = 0.
SEL_GP[1:8]
8
On/off
1 = select GP toggles visible at GPO1 to GPO4, GPO7, and GPO8 when output is
enabled (default).
0 = select vertical signals visible at GPO4 to GPO8 when output is enabled.
GPO4: XSUBCK.
GPO5: XV21.
GPO6: XV22.
GPO7: XV23.
GPO8: XV24.
GPO_OUTPUT_EN
8
On/off
1 = enable GPO1 to GPO4, GPO7, and GPO8 outputs (one bit per output).
0 = disable GPO1 to GPO4, GPO7, and GPO8 outputs; pins are high-Z (default).
GPx_USE_LUT
8
On/off
Send GP signals through a programmable lookup table (LUT).
LUT_FOR_GP12
4
Logic setting
Desired logic to be realized on GPO1 combined with GPO2.
LUT_FOR_GP34
4
Logic setting
Desired logic to be realized on GPO3 combined with GPO4.
LUT_FOR_GP56
4
Logic setting
Desired logic to be realized on GPO5 combined with GPO6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com