Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 77 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 73Page - Analog Devices AD9920ABBCZ Datasheet HTML 74Page - Analog Devices AD9920ABBCZ Datasheet HTML 75Page - Analog Devices AD9920ABBCZ Datasheet HTML 76Page - Analog Devices AD9920ABBCZ Datasheet HTML 77Page - Analog Devices AD9920ABBCZ Datasheet HTML 78Page - Analog Devices AD9920ABBCZ Datasheet HTML 79Page - Analog Devices AD9920ABBCZ Datasheet HTML 80Page - Analog Devices AD9920ABBCZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 112 page
background image
AD9920A
Rev. B | Page 77 of 112
ANALOG FRONT END DESCRIPTION AND OPERATION
6dB
0.5V
CCDIN
CLI
DIGITAL
FILTER
CLPOB
OPTICAL BLACK
CLAMP
12-BIT
ADC
DAC
CDS
VGA
INTERNAL
VREF
DCBYP
2V
FULL
SCALE
PRECISION
TIMING
GENERATOR
SHP
SHD
OUTPUT
DATA
LATCH
REFT
REFB
V-H
TIMING
GENERATION
SHP SHD
DOUTPHASE
CLPOB
PBLK
0.4V
1.4V
AD9920A
0.1µF
0.1µF
0.1µF
CLAMP LEVEL
REGISTER
12
PBLK
–3dB, 0dB,
+3dB, +6dB
PBLK
PBLK
PBLK
SHP
AVDD
DC RESTORE
S11
S21
BLANK TO
ZERO OR
CLAMP LEVEL
1S1 IS NORMALLY CLOSED; S2 IS NORMALLY OPEN.
CDS GAIN
REGISTER
VD
HD
D0 TO D11
DOUTPHASE
DCLK
DCLK
MODE
FIXED
DELAY
CLI
1
0
0
1
DCLKINV
DOUTDELAY
Figure 100. Analog Front End Functional Block Diagram
The AD9920A signal processing chain is shown in Figure 100.
Each processing step is essential for achieving a high quality
image from the raw CCD pixel data.
Note that because the CDS input is shorted during PBLK, the
CLPOB pulse should not be used during the same active time as
the PBLK pulse.
DC Restore
Correlated Double Sampler (CDS)
To reduce the large dc offset of the CCD output signal, a dc
restore circuit is used with an external 0.1 μF series coupling
capacitor. This restores the dc level of the CCD signal to
approximately 1.3 V (AVDD − 0.5 V), making it compatible
with the 1.8 V core supply voltage of the AD9920A. The dc
restore switch is active during the SHP sample pulse time.
The CDS circuit samples each CCD pixel twice to extract the
video information and to reject low frequency noise. The timing
shown in Figure 23 illustrates how the two internally generated
CDS clocks, SHP and SHD, are used to sample the reference
level and data level of the CCD signal, respectively. The place-
ment of the SHP and SHD sampling edges is determined by the
setting of the SHPLOC and SHDLOC registers located at
Address 0x38. Placement of these two clock signals is critical
for achieving the best performance from the CCD.
The dc restore circuit can be disabled when the optional PBLK
signal is used to isolate large-signal swings from the CCD input
(see the Analog Preblanking section). Bit 6 of AFE Register
Address 0x00 controls whether the dc restore is active during
the PBLK interval.
The CDS gain is variable in four steps by using AFE Register
Address 0x04: −3 dB, 0 dB, +3 dB, and +6 dB. Improved noise
performance results from using the +3 dB setting, but the input
range is reduced (see the Analog Specifications section).
Analog Preblanking (PBLK)
During certain CCD blanking or substrate clocking intervals, the
CCD input signal to the AD9920A may increase in amplitude
beyond the recommended input range. The PBLK signal can be
used to isolate the CDS input from large-signal swings. While
PBLK is active (low), the CDS input is internally shorted to
ground. It is recommended that PBLK be used to protect the
CDS input during the horizontal blanking and/or when the
SUBCK output is toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com