Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 6Page - Analog Devices AD9920ABBCZ Datasheet HTML 7Page - Analog Devices AD9920ABBCZ Datasheet HTML 8Page - Analog Devices AD9920ABBCZ Datasheet HTML 9Page - Analog Devices AD9920ABBCZ Datasheet HTML 10Page - Analog Devices AD9920ABBCZ Datasheet HTML 11Page - Analog Devices AD9920ABBCZ Datasheet HTML 12Page - Analog Devices AD9920ABBCZ Datasheet HTML 13Page - Analog Devices AD9920ABBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
AD9920A
Rev. B | Page 10 of 112
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 6.
Parameter
Rating
AVDD to AVSS
−0.3 V to +2.2 V
TCVDD to TCVSS
−0.3 V to +2.2 V
HVDD1, HVDD2 to HVSS1, HVSS2
−0.3 V to +3.9 V
RGVDD to RGVSS
−0.3 V to +3.9 V
DVDD to DVSS
−0.3 V to +2.2 V
DRVDD to DRVSS/LDOVSS
−0.3 V to +3.9 V
IOVDD to IOVSS
−0.3 V to +3.9 V
VDVDD to VDVSS
−0.3 V to +3.9 V
CLIVDD to TCVSS
−0.3 V to +3.9 V
VH1, VH2 to VL1, VL2, VLL
−0.3 V to +25.0 V
VH1, VH2 to VDVSS
−0.3 V to +17.0 V
VL1, VL2 to VDVSS
−17.0 V to +0.3 V
VM1, VM2 to VDVSS
−6.0 V to +3.0 V
VLL to VDVSS
−17.0 V to +0.3 V
VMM to VDVSS
VLL − 0.3 V to VDVDD + 0.3 V
V1A to V16 to VDVSS
VLx − 0.3 V to VHx + 0.3 V
RG and HL Outputs to RGVSS
−0.3 V to RGVDD + 0.3 V
H1 to H8 Outputs to HVSSx
−0.3 V to HVDDx + 0.3 V
VDR_EN, XSUBCNT, SRCTL, SRSW
to VDVSS
−0.3 V to VDVDD + 0.3 V
Digital Outputs to IOVSS
−0.3 V to IOVDD + 0.3 V
Digital Inputs to IOVSS
−0.3 V to IOVDD + 0.3 V
SCK, SL, SDATA to DVSS
−0.3 V to DVDD + 0.3 V
REFT, REFB, CCDIN to AVSS
−0.3 V to AVDD + 0.3 V
Junction Temperature
150°C
Lead Temperature
(Soldering, 10 sec)
350°C
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
Unit
CSP_BGA (BC-105-1)
40.3
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com