Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 98 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 94Page - Analog Devices AD9920ABBCZ Datasheet HTML 95Page - Analog Devices AD9920ABBCZ Datasheet HTML 96Page - Analog Devices AD9920ABBCZ Datasheet HTML 97Page - Analog Devices AD9920ABBCZ Datasheet HTML 98Page - Analog Devices AD9920ABBCZ Datasheet HTML 99Page - Analog Devices AD9920ABBCZ Datasheet HTML 100Page - Analog Devices AD9920ABBCZ Datasheet HTML 101Page - Analog Devices AD9920ABBCZ Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 112 page
background image
AD9920A
Rev. B | Page 98 of 112
Table 54. VD/HD Registers
Address
Data Bits
Default Value
Default
Update Type
Name
Description
0x20
[0]
0
SCK
MASTER
VD/HD master or slave mode. 0 = slave mode, 1 = master mode.
0x21
[0]
0
VD
VDHDPOL
VD/HD active polarity. 0 = low, 1 = high.
0x22
[12:0]
0
VD
HDRISE
Rising edge location for HD. Minimum value is 36 pixels.
[25:13]
0
VDRISE
Rising edge location for VD.
Table 55. I/O Registers
Address
Data
Bits
Default
Value
Default
Update
Type
Name
Description
0x23
[0]
0
SCK
OSC_NVR
Oscillator normal voltage range. Set to match CLIVDD supply voltage.
0 = 1.8 V.
1 = 3.3 V.
[1]
0
XV_NVR
XV output normal voltage range. Set to match VDVDD supply voltage.
0 = 1.8 V.
1 = 3.3 V.
[2]
0
IO_NVR
I/O normal voltage range. Set to match IOVDD supply voltage.
0 = 1.8 V.
1 = 3.3 V.
[3]
0
DATA_NVR
Data pin normal voltage range. Set to match DRVDD supply voltage.
0 = 1.8 V I/O.
1 = 3.3 V I/O.
[4]
0
Test
Test use only. Set to 0.
[5]
0
Test
Test use only. Set to 0.
[6]
0
Test
Test use only. Set to 0.
0x24
[4:0]
0x01
SCK
HCLKMODE
Selects HCLK output configuration. Should be written to desired value.
Note that all other settings are invalid.
0x01 = Mode 1.
0x02 = Mode 2.
0x04 = Mode 3.
0x10 = 3-phase HCLK mode.
[5]
0
Test
Test use only. Set to 0.
0x25
[24:0]
0
SCK
VT_STBY12
Bits[23:0]: Standby1 and Standby2 polarity for XV[23:0].
Bit 24: Standby1 and Standby2 polarity for XSUBCK.
Settings also apply when OUT_CONTROL = low.
0x26
[24:0]
0
SCK
VT_STBY3
Bits[23:0]: Standby3 polarity for XV[23:0].
Bit 24: Standby3 polarity for XSUBCK.
0x27
[7:0]
0
SCK
GP_STDBY12
Standby1 and Standby2 polarity for GPO outputs.
Settings also apply when OUT_CONTROL = low.
[15:8]
0
GP_STDBY3
Standby3 polarity for GPO outputs.
Table 56. Memory Configuration and Mode Registers
Address
Data Bits
Default Value
Update Type
Name
Description
0x28
[4:0]
0
SCK
VPATNUM
Total number of V-pattern groups.
[9:5]
0
SEQNUM
Total number of V-sequences.
0x29
[27]
0
SCK
UNUSED
Do not access, or set to 0.
0x2A
[2:0]
0
SCK
Mode
Total number of fields in the mode register.
0x2B
[4:0]
0
SCK
FIELD1
Selected first field in the mode register.
[9:5]
0
FIELD2
Selected second field in the mode register.
[14:10]
0
FIELD3
Selected third field in the mode register.
[19:15]
0
FIELD4
Selected fourth field in the mode register.
[24:20]
0
FIELD5
Selected fifth field in the mode register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com