Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 101 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 101 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 97Page - Analog Devices AD9920ABBCZ Datasheet HTML 98Page - Analog Devices AD9920ABBCZ Datasheet HTML 99Page - Analog Devices AD9920ABBCZ Datasheet HTML 100Page - Analog Devices AD9920ABBCZ Datasheet HTML 101Page - Analog Devices AD9920ABBCZ Datasheet HTML 102Page - Analog Devices AD9920ABBCZ Datasheet HTML 103Page - Analog Devices AD9920ABBCZ Datasheet HTML 104Page - Analog Devices AD9920ABBCZ Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 112 page
background image
AD9920A
Rev. B | Page 101 of 112
Table 59. Shutter and GPO Registers
Address
Data
Bits
Default
Value
Update
Type
Name
Description
0x70
[2:0]
0
VD
PRIMARY_ACTION
Select action for primary and secondary counters.
[5:3]
0
SECOND_ACTION
0 = idle (do nothing): autoreset on VD.
1 = activate counter (primary: automatic exposure/read).
2 = RapidShot: wrap/repeat counter.
3 = ShotTimer: delay start of count.
4 = ShotTimer with RapidShot.
5 = SLR exposure (manual).
6 = SLR read (manual).
7 = force to idle.
[13:6]
0
MANUAL_TRIG
1: manual trigger for GP signals when Protocol 1 is selected.
Bit 6: GP1 manual trigger.
Bit 13: GP8 manual trigger.
0x71
[12:0]
0
VD
PRIMARY_MAX
Primary counter maximum value.
[24:13]
0
SECOND_MAX
Secondary counter maximum value.
[27:25]
0
VDHD_MASK
Mask VD/HD during counter operation.
0x72
[12:0]
0
VD
PRIMARY_DELAY
Number of fields to delay before the next primary count (exposure)
starts. For ShotTimer with RapidShot, the delay value is used between
each repetition.
[13]
0
PRIMARY_SKIP
For ShotTimer with RapidShot, use the primary delay value only before
the first count (exposure).
[26:14]
0
SECOND_DELAY
Number of fields to delay before the next secondary count (exposure)
starts. For ShotTimer with RapidShot, the delay value is used between
each repetition.
[27]
0
SECOND_SKIP
For ShotTimer with RapidShot, use the secondary delay value only
before the first count (exposure).
0x73
[2:0]
0
VD
GP1_PROTOCOL
Selects protocol for each general-purpose signal.
[5:3]
0
GP2_PROTOCOL
0 = idle.
[8:6]
0
GP3_PROTOCOL
1 = no counter association. Use MANUAL_TRIG bits to enable each GP
signal.
[11:9]
0
GP4_PROTOCOL
2 = test use only.
[14:12]
0
GP5_PROTOCOL
3 = test use only.
[17:15]
0
GP6_PROTOCOL
4 = link to mode counter.
[20:18]
0
GP7_PROTOCOL
5 = link to primary counter.
[23:21]
0
GP8_PROTOCOL
6 = link to secondary counter.
7 = keep on.
0x74
[12:0]
0
VD
SGMASK_NUM
Exposure duration (number of fields to mask SG) for LS operation.
[25:13]
0
VD/SG
SUBCKMASK_NUM
Exposure + readout duration (number of fields to mask SUBCK) for LS.
[26]
0x01
VD/SG
SUBCKTOG_UPDATE
0 = SUBCK HP toggles and the registers involved in SUBCK masking
(Register 0x78 and Register 0x74, Bits[27:13]) are updated at SG line.
1 = updated at update line (VD updated).
[27]
0
VD/SG
SUBCKMASK_SKIP1
Skip the SUBCK mask for the first exposure field only.
0x75
[0]
0
VD/SG
Test
Test purpose only. Must be set to 0.
[13:1]
0
SUBCKSUPPRESS
Number of lines after VSG line to begin SUBCK pulses.
[26:14]
0
SUBCKNUM
Number of SUBCK pulses per field. Must be set less than VDLEN.
[27]
0
SG_SUPPRESS
Suppress the SG and allow SUBCK to finish at SUBCKNUM.
0x76
[0]
0
VD/SG
SUBCK_POL
SUBCK start polarity.
[1]
0
TESTMODE
Test use only. Must be set to 0.
0x77
[13:0]
0
VD/SG
SUBCK_TOG1
SUBCK Toggle Position 1.
[27:14]
0
SUBCK_TOG2
SUBCK Toggle Position 2.
0x78
[13:0]
0
VD/SG
SUBCKHP_TOG1
High precision SUBCK Toggle Position 1.
[27:14]
0
SUBCKHP_TOG2
High precision SUBCK Toggle Position 2.
0x79
[25:0]
0
VD
TESTMODE
Test use only. Must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com