Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 105 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 105 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 101Page - Analog Devices AD9920ABBCZ Datasheet HTML 102Page - Analog Devices AD9920ABBCZ Datasheet HTML 103Page - Analog Devices AD9920ABBCZ Datasheet HTML 104Page - Analog Devices AD9920ABBCZ Datasheet HTML 105Page - Analog Devices AD9920ABBCZ Datasheet HTML 106Page - Analog Devices AD9920ABBCZ Datasheet HTML 107Page - Analog Devices AD9920ABBCZ Datasheet HTML 108Page - Analog Devices AD9920ABBCZ Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
AD9920A
Rev. B | Page 105 of 112
Address
Data
Bits
Default
Value
Update
Type
Name
Description
0xBA
[27:0]
0
UNUSED
Do not access, or write to 0x00.
0xBB
[27:0]
0
UNUSED
Do not access, or write to 0x00.
0xBC
[27:0]
0
UNUSED
Do not access, or write to 0x00.
0xBD
[27:0]
0
UNUSED
Do not access, or write to 0x00.
0xBE
[27:0]
0
UNUSED
Do not access, or write to 0x00.
0xBF
[27:0]
0
UNUSED
Do not access, or write to 0x00.
Table 61. Extra Registers
Address
Data Bits
Default Value
Update
Name
Description
0xC0
[27:0]
0
VD
Test
Do not access, or write to 0x00.
0xC1
[27:0]
0
VD
Test
Do not access, or write to 0x00.
0xC2
[27:0]
0
VD
Test
Do not access, or write to 0x00.
0xC3
[7:0]
0
SCK
GPO_MASK_HIGH
1 = masks GPO[x] to high. Takes priority over normal operation.
[15:8]
0
GPO_MASK_LOW
1 = masks GPO[x] to low. Takes priority over normal operation and
GPO_MASK_HIGH.
0xC4
[27:0]
0
VD
Test
Test register. Do not access, or set to 0.
0xC5
[27:0]
0x1516
SCK
Test
Test register. Do not access, or set to 0x1516.
0xC6
[27:0]
0
UNUSED
Unused register. Do not access, or set to 0.
0xC7
[27:0]
0
UNUSED
Unused register. Do not access, or set to 0.
0xC8
[27:0]
0
SCK
Test
Test register. Do not access, or set to 0.
0xC9
[27:0]
0xFFFF
SCK
Test
Test register. Do not access, or set to 0xFFFF.
0xCA
[27:0]
0
SCK
Test
Test register. Do not access, or set to 0.
0xCB
[27:0]
0
SCK
Test
Test register. Do not access, or set to 0.
0xCC
[27:0]
0
UNUSED
Unused register. Do not access, or set to 0.
0xCD
[27:0]
0
UNUSED
Unused register. Do not access, or set to 0.
0xCE
[27:0]
0
UNUSED
Unused register. Do not access, or set to 0.
0xCF
[27:0]
0
UNUSED
Unused register. Do not access, or set to 0.
0xD0
[27:0]
0
SCK
Test
Test register. Do not access, or set to 0.
0xD1
[19:0]
0
SCK
Test
Test use only. Set to 0.
[20]
0
STARTUP
Must be set to 1 to start the device.
0xD2
[27:0]
0
SCK
Test
Test register. Do not access, or set to 0.
0xD3
[27:0]
0
SCK
Test
Test register. Do not access, or set to 0.
0xD4
[0]
0
SCK
Test
Test use only. Set to 0.
[1]
0
GPO_INT_EN
1 = allow observation of internal signals at GPO1 to GPO3 outputs
(must also set SEL_GPx bits low).
Note that GPO4 to GPO8 continue to output normal GP toggles.
GPO1: internal clock.
GPO2: CLPOB.
GPO3: delayed sample clock.
[9:2]
0
Test
Test use only. Set to 0.
0xD5
[27:0]
0
SCK
Test
Test use only. Set to 0.
0xD6
[27:0]
0xA10
SCK
Test
Test use only. Set to 0xA10.
0xD7
[27:0]
0
SCK
Test
Test use only. Set to 0.
0xD8
[27:0]
0x888
SCK
DOUT_STRENGTH
Controls drive strength of data output drivers.
0x888 = normal drive strength.
0x848 = weak drive strength.
0x808 = weaker drive strength.
0xD9
[27:0]
0
SCK
Test
Test use only. Set to 0.
0xDA
[27:0]
0
SCK
Test
Test use only. Set to 0.
0xDB
[27:0]
SCK
Test
Test use only. Set to 0.
0xDC
[27:0]
0xF7F
SCK
Test
Test use only. Set to 0xF7F.
0xDD
[27:0]
0x14
SCK
Test
Test use only. Set to 0x14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com