Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 108 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 108 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 104Page - Analog Devices AD9920ABBCZ Datasheet HTML 105Page - Analog Devices AD9920ABBCZ Datasheet HTML 106Page - Analog Devices AD9920ABBCZ Datasheet HTML 107Page - Analog Devices AD9920ABBCZ Datasheet HTML 108Page - Analog Devices AD9920ABBCZ Datasheet HTML 109Page - Analog Devices AD9920ABBCZ Datasheet HTML 110Page - Analog Devices AD9920ABBCZ Datasheet HTML 111Page - Analog Devices AD9920ABBCZ Datasheet HTML 112Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 108 / 112 page
background image
AD9920A
Rev. B | Page 108 of 112
Table 63. V-Sequence (VSEQ) Registers (Default Values Are Undefined)
Address
Data
Bits
Default
Value
Update
Type
Name
Description
0x00
[0]
X
SCP
CLPOBPOL
CLPOB start polarity.
[1]
X
PBLKPOL
PBLK start polarity.
[5:2]
X
HOLD
1 = enable HOLD function for each VPAT group (A, B, C, D).
[6]
X
VSEQALT_EN
Special V-sequence alternation enable.
[9:7]
X
SPC_PAT_EN
1 = enable use of special vertical pattern insertion into VPATA sequence.
Bit 0: Use VPATB as the special pattern.
Bit 1: Use VPATC as the special pattern.
Bit 2: Use VPATD as the special pattern.
[13:10]
X
CONCAT_GRP
Combine multiple VPAT groups together in one sequence. Set register
equal to 0x01 to enable.
[15:14]
X
VREP_MODE
Defines V-alternation repetition mode.
00 = single-pattern alternation for all groups.
01 = two-pattern alternation for all groups.
10 = three-pattern alternation for Group A; Groups B/C/D follow pattern
{0, 1, 1, 0, 1, 1…}.
11 = four-pattern alternation for Group A; two-pattern for Groups B/C/D.
[19:16]
X
LASTREPLEN_EN
Enable a separate pattern length to be used during the last repetition of
the V-sequence. One bit for each group (A, B, C, and D); Group A is the LSB.
Set bit high to enable. Recommended value is enabled.
[21:20]
X
HBLK_MODE
Selection of HBLK modes.
00 = HBLK Mode 0 (normal six-toggle operation).
01 = HBLK Mode 1.
10 = test use only; do not access.
11 = test use only; do not access.
[23:22]
X
Test
Test use only. Set to 0.
[24]
X
SUBCK_MASK
1 = enable SUBCK masking feature.
0x01
[13:0]
X
SCP
HDLENE
HD line length for even lines.
0x02
[13:0]
X
SCP
HDLENO
HD line length for odd lines.
0x03
[23:0]
X
SCP
VSGPATSEL
Select which two toggle positions are used by each V-output
when they are configured as VSG pulses (in Miscellaneous Register 0x1C).
0 = use Toggle 1, Toggle 2.
1 = use Toggle 3, Toggle 4.
0x04
[12:0]
X
SCP
LASTREPLEN_A
Last repetition length for Group A. Must be enabled using LASTREPLEN_EN
register. Set equal to VLENA register.
[25:13]
X
LASTREPLEN_B
Last repetition length for Group B. Must be enabled using LASTREPLEN_EN
register. Set equal to VLENB register.
0x05
[12:0]
X
SCP
LASTREPLEN_C
Last repetition length for Group C. Must be enabled using LASTREPLEN_EN
register. Set equal to VLENC register.
[25:13]
X
LASTREPLEN_D
Last repetition length for Group D. Must be enabled using LASTREPLEN_EN
register. Set equal to VLEND register.
0x06
[23:0]
X
SCP
VPOL
Starting polarities for each V-output signal.
0x07
[23:0]
X
SCP
GROUPSEL_0
Select to which group each V1 to V12 signal is assigned.
00 = Group A.
01 = Group B.
10 = Group C.
11 = Group D.
Bits[1:0]: V1.
Bits[3:2]: V2.
Bits[23:22]: V12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com