Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 111 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 111 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 104Page - Analog Devices AD9920ABBCZ Datasheet HTML 105Page - Analog Devices AD9920ABBCZ Datasheet HTML 106Page - Analog Devices AD9920ABBCZ Datasheet HTML 107Page - Analog Devices AD9920ABBCZ Datasheet HTML 108Page - Analog Devices AD9920ABBCZ Datasheet HTML 109Page - Analog Devices AD9920ABBCZ Datasheet HTML 110Page - Analog Devices AD9920ABBCZ Datasheet HTML 111Page - Analog Devices AD9920ABBCZ Datasheet HTML 112Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 111 / 112 page
background image
AD9920A
Rev. B | Page 111 of 112
Table 64. Field Registers (Default Values Are Undefined)
Address
Data Bits
Default
Value
Update Type
Name
Description
0x00
[4:0]
X
VD
SEQ0
Selected V-sequence for first region in the field.
[9:5]
X
SEQ1
Selected V-sequence for second region in the field.
[14:10]
X
SEQ2
Selected V-sequence for third region in the field.
[19:15]
X
SEQ3
Selected V-sequence for fourth region in the field.
[24:20]
X
SEQ4
Selected V-sequence for fifth region in the field.
0x01
[4:0]
X
VD
SEQ5
Selected V-sequence for sixth region in the field.
[9:5]
X
SEQ6
Selected V-sequence for seventh region in the field.
[14:10]
X
SEQ7
Selected V-sequence for eighth region in the field.
[19:15]
X
SEQ8
Selected V-sequence for ninth region in the field.
[21:20]
MULT_SWEEP0
Enables multiplier mode and/or sweep mode for Region 0.
0 = multiplier off/sweep off.
1 = multiplier off/sweep on.
2 = multiplier on/sweep off.
3 = multiplier on/sweep on.
[23:22]
MULT_SWEEP1
Enables multiplier mode and/or sweep mode for Region 1.
[25:24]
MULT_SWEEP2
Enables multiplier mode and/or sweep mode for Region 2.
0x02
[12:0]
X
VD
HDLASTLEN
HD last line length. Line length of last line in the field.
[14:13]
X
MULT_SWEEP3
Enables multiplier mode and/or sweep mode for Region 3.
[16:15]
X
MULT_SWEEP4
Enables multiplier mode and/or sweep mode for Region 4.
[18:17]
X
MULT_SWEEP5
Enables multiplier mode and/or sweep mode for Region 5.
[20:19]
X
MULT_SWEEP6
Enables multiplier mode and/or sweep mode for Region 6.
[22:21]
X
MULT_SWEEP7
Enables multiplier mode and/or sweep mode for Region 7.
[24:23]
X
MULT_SWEEP8
Enables multiplier mode and/or sweep mode for Region 8.
[25]
X
HDLASTLEN_13
HD last line length bit [13] when 14-bit H-counter is enabled.
0x03
[12:0]
X
VD
SCP0
V-Sequence Change Position 0.
[25:13]
X
SCP1
V-Sequence Change Position 1.
0x04
[12:0]
X
VD
SCP2
V-Sequence Change Position 2.
[25:13]
X
SCP3
V-Sequence Change Position 3.
0x05
[12:0]
X
VD
SCP4
V-Sequence Change Position 4.
[25:13]
X
SCP5
V-Sequence Change Position 5.
0x06
[12:0]
X
VD
SCP6
V-Sequence Change Position 6.
[25:13]
X
SCP7
V-Sequence Change Position 7.
0x07
[12:0]
X
VD
SCP8
V-Sequence Change Position 8.
[25:13]
X
VDLEN
VD field length (number of lines in the field).
0x08
[12:0]
X
VD
SGACTLINE1
SG Active Line 1.
[25:13]
X
SGACTLINE2
SG Active Line 2. Set to SG Active Line 1 or maximum if not used.
0x09
[23:0]
X
VD
SGMASK
Masking of VSG outputs during SG active line.
0x0A
[12:0]
X
VD
CLPMASKSTART1
CLPOB Mask Region 1 start position. Set to 8191 to disable.
[25:13]
X
CLPMASKEND1
CLPOB Mask Region 1 end position. Set to 0 to disable.
0x0B
[12:0]
X
VD
CLPMASKSTART2
CLPOB Mask Region 2 start position. Set to 8191 to disable.
[25:13]
X
CLPMASKEND2
CLPOB Mask Region 2 end position. Set to 0 to disable.
0x0C
[12:0]
X
VD
CLPMASKSTART3
CLPOB Mask Region 3 start position. Set to 8191 to disable.
[25:13]
X
CLPMASKEND3
CLPOB Mask Region 3 end position. Set to 0 to disable.
0x0D
[12:0]
X
VD
PBLKMASKSTART1
PBLK Mask Region 1 start position. Set to 8191 to disable.
[25:13]
X
PBLKMASKEND1
PBLK Mask Region 1 end position. Set to 0 to disable.
0x0E
[12:0]
X
VD
PBLKMASKSTART2
PBLK Mask Region 2 start position. Set to 8191 to disable.
[25:13]
X
PBLKMASKEND2
PBLK Mask Region 2 end position. Set to 0 to disable.
0x0F
[12:0]
X
VD
PBLKMASKSTART3
PBLK Mask Region 3 start position. Set to 8191 to disable.
[25:13]
X
PBLKMASKEND3
PBLK Mask Region 3 end position. Set to 0 to disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com