Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9920ABBCZ Datasheet(PDF) 104 Page - Analog Devices

Part # AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Datasheet(HTML) 104 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 100Page - Analog Devices AD9920ABBCZ Datasheet HTML 101Page - Analog Devices AD9920ABBCZ Datasheet HTML 102Page - Analog Devices AD9920ABBCZ Datasheet HTML 103Page - Analog Devices AD9920ABBCZ Datasheet HTML 104Page - Analog Devices AD9920ABBCZ Datasheet HTML 105Page - Analog Devices AD9920ABBCZ Datasheet HTML 106Page - Analog Devices AD9920ABBCZ Datasheet HTML 107Page - Analog Devices AD9920ABBCZ Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 112 page
background image
AD9920A
Rev. B | Page 104 of 112
Address
Data
Bits
Default
Value
Update
Type
Name
Description
0x9E
[12:0]
0
VD
GP6_TOG3_PX
General-Purpose Signal 6, third toggle position, pixel location.
[25:13]
0
GP6_TOG4_FD
General-Purpose Signal 6, fourth toggle position, field location.
0x9F
[12:0]
0
VD
GP6_TOG4_LN
General-Purpose Signal 6, fourth toggle position, line location.
[25:13]
0
GP6_TOG4_PX
General-Purpose Signal 6, fourth toggle position, pixel location.
0xA0
[12:0]
0
VD
GP7_TOG1_FD
General-Purpose Signal 7, first toggle position, field location.
[25:13]
0
GP7_TOG1_LN
General-Purpose Signal 7, first toggle position, line location.
0xA1
[12:0]
0
VD
GP7_TOG1_PX
General-Purpose Signal 7, first toggle position, pixel location.
[25:13]
0
GP7_TOG2_FD
General-Purpose Signal 7, second toggle position, field location.
0xA2
[12:0]
0
VD
GP7_TOG2_LN
General-Purpose Signal 7, second toggle position, line location.
[25:13]
0
GP7_TOG2_PX
General-Purpose Signal 7, second toggle position, pixel location.
0xA3
[12:0]
0
VD
GP7_TOG3_FD
General-Purpose Signal 7, third toggle position, field location.
[25:13]
0
GP7_TOG3_LN
General-Purpose Signal 7, third toggle position, line location.
0xA4
[12:0]
0
VD
GP7_TOG3_PX
General-Purpose Signal 7, third toggle position, pixel location.
[25:13]
0
GP7_TOG4_FD
General-Purpose Signal 7, fourth toggle position, field location.
0xA5
[12:0]
0
VD
GP7_TOG4_LN
General-Purpose Signal 7, fourth toggle position, line location.
[25:13]
0
GP7_TOG4_PX
General-Purpose Signal 7, fourth toggle position, pixel location.
0xA6
[12:0]
0
VD
GP8_TOG1_FD
General-Purpose Signal 8, first toggle position, field location.
[25:13]
0
GP8_TOG1_LN
General-Purpose Signal 8, first toggle position, line location.
0xA7
[12:0]
0
VD
GP8_TOG1_PX
General-Purpose Signal 8, first toggle position, pixel location.
[25:13]
0
GP8_TOG2_FD
General-Purpose Signal 8, second toggle position, field location.
0xA8
[12:0]
0
VD
GP8_TOG2_LN
General-Purpose Signal 8, second toggle position, line location.
[25:13]
0
GP8_TOG2_PX
General-Purpose Signal 8, second toggle position, pixel location.
0xA9
[12:0]
0
VD
GP8_TOG3_FD
General-Purpose Signal 8, third toggle position, field location.
[25:13]
0
GP8_TOG3_LN
General-Purpose Signal 8, third toggle position, line location.
0xAA
[12:0]
0
VD
GP8_TOG3_PX
General-Purpose Signal 8, third toggle position, pixel location.
[25:13]
0
GP8_TOG4_FD
General-Purpose Signal 8, fourth toggle position, field location.
0xAB
[12:0]
0
VD
GP8_TOG4_LN
General-Purpose Signal 8, fourth toggle position, line location.
[25:13]
0
GP8_TOG4_PX
General-Purpose Signal 8, fourth toggle position, pixel location.
0xAC
[7:0]
0
VD
GP_LN_MODE
1 = outputs specified GP pulse on every line.
0xAD
[27]
0
VD
UNUSED
Do not access, or set to 0.
0xAE
[27]
0
VD
UNUSED
Do not access, or set to 0.
0xAF
[27]
0
VD
UNUSED
Do not access, or set to 0.
Table 60. Update Control Registers
Address
Data
Bits
Default
Value
Update
Type
Name
Description
0xB0
[15:0]
0x5803
SCK
AFE_UPDT_SCK
Each bit corresponds to one address location.
Bit 0: 1 = update Address 0x00 on SL rising edge.
Bit 1: 1 = update Address 0x01 on SL rising edge.
Bit 15: 1 = update Address 0x0F on SL rising edge.
0xB1
[15:0]
0xA7FC
SCK
AFE_UPDT_VD
Each bit corresponds to one address location.
Bit 0: 1 = update Address 0x00 on VD rising edge.
Bit 1: 1 = update Address 0x01 on VD rising edge.
Bit 15: 1 = update Address 0x0F on VD rising edge.
0xB2
[15:0]
0xD8FD
SCK
MISC_UPDT_SCK
Enable SCK update of miscellaneous registers, Address 0x10 to Address 0x1F.
0xB3
[15:0]
0x2702
SCK
MISC_UPDT_VD
Enable VD update of miscellaneous registers, Address 0x10 to Address 0x1F.
0xB4
[15:0]
0xFFF9
SCK
VDHD_UPDT_SCK
Enable SCK update of VD/HD registers, Address 0x20 to Address 0x2F.
0xB5
[15:0]
0x0006
SCK
VDHD_UPDT_VD
Enable VD update of VD/HD registers, Address 0x20 to Address 0x2F.
0xB6
[15:0]
0xFFFF
SCK
TC_UPDT_SCK
Enable SCK update of timing core registers, Address 0x30 to Address 0x3F.
0xB7
[15:0]
0000
SCK
TC_UPDT_VD
Enable VD update of timing core registers, Address 0x30 to Address 0x3F.
0xB8
[27:0]
0x04
Test
Test register. Do not access, or write to 0x04.
0xB9
[27:0]
0
UNUSED
Do not access, or write to 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com