Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 2 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 2 Page - FCI connector

  UTG11823P Datasheet HTML 1Page - FCI connector UTG11823P Datasheet HTML 2Page - FCI connector UTG11823P Datasheet HTML 3Page - FCI connector UTG11823P Datasheet HTML 4Page - FCI connector UTG11823P Datasheet HTML 5Page - FCI connector UTG11823P Datasheet HTML 6Page - FCI connector UTG11823P Datasheet HTML 7Page - FCI connector UTG11823P Datasheet HTML 8Page - FCI connector UTG11823P Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 101 page
background image
Introduction
4
TRIM TRIO - The principle
The TRIM TRIO interconnection system is a
fully integrated system, in which 4 contact
types can be used in a variety of connector
styles and sizes, ranging from 1 to 104
contact positions.
This interchangeability offers boundless
design possibilities with a large
commonality throughout the entire range.
The commonality in the system is
established in:
- contact performance and wire range.
- configuration of contact cavities in the
housings.
- crimp tooling
- assembly procedures.
- quality assurance procedures.
- field service and maintenance.
- personnel training.
Products
The contacts, both male and female,
accommodate a wire range of AWG14 up to
AWG30. The 4 contact families are:
- Machined contacts for high performance
(up to 13 Amp current rating), with gold or
tin plating.
- Stamped and formed two-piece contacts,
for more cost effective applications (up to
13 Amp current rating).
- Subminiature coaxial contacts, in a multi-
piece and a mono-crimp version, for
coaxial or twisted-pair cables.
- Fibre optic contacts to accommodate
1000µ plastic fibres with a cable diameter
of 2.2 mm.
The housings offer many options in contact
cavities and backshell possibilities
The main version are:
- circular connectors:
• full metal
• plastic with metal coupling system
• full plastic
• metallised plastic for shielding
• plastic with quick mating feature
- rectangular, high performance, rack and
panel and printed circuit board versions.
- rectangular, low cost, rack and panel and
printed circuit board versions.
- rectangular connectors for V.35
applications.
- rectangular connectors for I/O
applications.
(See TRIM TRIO selection matrix on the
next page)
The beauty of the TRIM TRIO system means
that the 4 contact types can be combined (both
male and female) in any TRIM TRIO
connector type of any geometry.
The keywords in the TRIM TRIO
interconnection system are standardisation,
versatility, reliability and economy.
These words explain why the TRIM TRIO
name is so well known, and its connectors
are used all over the world.
Standardisation
• The same contact cavity for each type of
housing
• identical crimp tooling for all types of
contacts except fibre optics
• reduced manufacturing methods
• standardised operator training
• international acceptance
Versatility
• wide range in current capability
• various contact platings
• wire and cable accommodations
• housings accommodate pin and socket
(male and female) contacts
• variety of terminations
• variations in mounting
• number of sizes
• discrimination keying
• broad range of installation tooling
• variety of possible applications
Reliability
• proven materials
• guaranteed quality assurance per
ISO 9001 certification
• rigid inspection procedures
• positive polarisation
• pin protection
• rugged mouldings
• restricted entry contacts
Economy
• low assembly cost
• minimal tooling downtime
• easy connecting and disconnecting
• low wiring cost
• simplified personnel education
• low inspection cost
• removable contacts
• reduced number of components
• low installed cost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com