Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 71 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 71 Page - FCI connector

Back Button UTG11823P Datasheet HTML 67Page - FCI connector UTG11823P Datasheet HTML 68Page - FCI connector UTG11823P Datasheet HTML 69Page - FCI connector UTG11823P Datasheet HTML 70Page - FCI connector UTG11823P Datasheet HTML 71Page - FCI connector UTG11823P Datasheet HTML 72Page - FCI connector UTG11823P Datasheet HTML 73Page - FCI connector UTG11823P Datasheet HTML 74Page - FCI connector UTG11823P Datasheet HTML 75Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
SMS - Qikmate Pin Header
73
Qikmate PC
boardmount
Pin Headers and plugs
Description
Qikmate Pin Header, available in 3, 4, 6, 9
and 10 positions, provides the additional
versatility of straight and right angle board
mounting.
Offered as an alternative to stacked
connectors, the in-line contact design of
the pin header provides the user with
significant PC board space savings.
The boardmount receptacle features
positieve polarization and a moulded on pin
protection skirt and is supplied
preassembled with straight or right angled:
• Solid machined or stamped and formed
PC board pin contacts.
• Coax PC board pin contacts.
The socket cable plug features positive
quick connect / disconnect latches and is
designed to accept N° 16 TRIM TRIO
.0625” (1.6mm) diameter socket contacts
for maximum contact protection.
Features and benefits
• Available in 3, 4, 6, 9 and 10 positions.
• In-line contact design, offering significant
PC board space savings.
• Boardmount connectors available in
straight and right-angled version
preassembled with:
- Solid machined or stamped and formed
pin contacts.
• - Coax pin contacts.
Construction
Connector body:
Glass filled thermoplast UL94-V0
Colour: Black
Contacts: High conductive copper alloy
Performance characteristics
Operating
temperature:
-55°C to +125°C
Insulation
resistance:
5000 M
Ω min.
Test potential: 2000 VAC
Current rating: 5 AMP
Durability:
500 matings and unmatings.
Intermateability
• “SMS” Socket plugs accept Trim-Trio
removable snap-lock contacts (see
contact section)
• Contacts to be ordered seperately.
Plating table
Plating for solid machined contacts:
No digit (std) = Min. 0.4µ Gold all over,
over Nickel.
T = 3 - 5µ Tin all over
Plating for Stamped and formed contacts :
D28 = Min. 0.75µ Au over nickel.
D70 = Gold flash all over
TR29 = 1.2µ Pre-plated Tin all over.
Plating for coax contacts:
Z17 = Min. 0.75µ Au in contact area,
Flash on solder tail (inner)
Min 0.75µ Au in contact area,
Tin on solder tail (outer)
How to order
SMS
SMS
SMS
3
1
–
PH
CH
P3
9
9
9
TR29
Z17
–
Connector family
Contact arrangement
Contact type:
PH:
Pin header boardmount.
CH:
Coax header boardmount.
P3:
Socket cable plug for pin and coax boardmount header.
Design variation:
1:
Right angle coax header boardmount with male contacts.
2:
Straight coax header boardmount with male contacts
3:
Right angle pin header boardmount with stamped male contacts
4:
Straight pin header boardmount with stamped male contacts
GE6: Right angle pin header boardmount with machined male contacts
GE4: Straight pin header boardmount with machined male contacts
Plating indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com