Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 41 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 41 Page - FCI connector

Back Button UTG11823P Datasheet HTML 37Page - FCI connector UTG11823P Datasheet HTML 38Page - FCI connector UTG11823P Datasheet HTML 39Page - FCI connector UTG11823P Datasheet HTML 40Page - FCI connector UTG11823P Datasheet HTML 41Page - FCI connector UTG11823P Datasheet HTML 42Page - FCI connector UTG11823P Datasheet HTML 43Page - FCI connector UTG11823P Datasheet HTML 44Page - FCI connector UTG11823P Datasheet HTML 45Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 101 page
background image
MS-M - Hyfen rectangular
43
High performance
hyfen rectangular
cable connectors
Description
MSM rectangular connectors offers an
extremely reliable, rugged, and versatile
connection system .
They are a range of multiway connectors
available in 8 sizes from 14 to 104
positions.
MS-M cable connectors can be offered with
a full range of hardware and accessories.
Guiding pins and sockets, turnable
jackscrews, a variety of cable hoods, pin
protection shrouds and discrimination pins
make this connector range a truly versatile
system.
Features and benefits
• Connectors supplied pre-assembled
except for panel mount versions.
• Available in 14-20-26-34-42-50-75 and
104 positions.
• 34 contact positions suitable for V.35
applications (see V.35 section)
• Full range of accessories available
including hoods, strain relief clamps,
guide pins, jackscrews and pin protection
shrouds.
• MS-M hyfen complies with NFC 93426 -
HE 621-622 and MIL-C-28748
specifications.
Performance characteristics
Operating
temperature:
-55°C to +125°C
Insulation
resistance:
5000 M
Ω min.
Test potential: 2000 VAC
Durability:
500 matings and unmatings.
Vibration
Per MIL-STD 202
resistance
method 204
Shock:
Per MIL-C-STD 202
method 207
Construction
Connector Material : Glass filled Phenolic
Flammability rating : UL94-V0
Hoods: Aluminium alloy
gold chromate or anodized
Polyamide 6.6 - black - UL94-V2
Cable clamps: Stainless steel
Polarizing hardware: Brass nickel plated
Shrouds: Aluminium alloy
gold chromate or anodized
Contact accommodation
• “MS-M” Hyfen connectors accept Trim-
Trio removable snap-lock contacts (see
contact section)
• Contacts to be ordered seperately.
How to order
MS
MS
34
34
P
P
M
M
124
120
S
S-
GE
--
16
--
Connector family
Contact arrangement
Type of housing:
P: plug body for male contacts
S: Receptacle housing for female contacts
N° 16 contact
Design variation
Pin protection shroud
GE = plastic turnable jackscrews
Code for special variations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com