Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 82 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 82 Page - FCI connector

Back Button UTG11823P Datasheet HTML 78Page - FCI connector UTG11823P Datasheet HTML 79Page - FCI connector UTG11823P Datasheet HTML 80Page - FCI connector UTG11823P Datasheet HTML 81Page - FCI connector UTG11823P Datasheet HTML 82Page - FCI connector UTG11823P Datasheet HTML 83Page - FCI connector UTG11823P Datasheet HTML 84Page - FCI connector UTG11823P Datasheet HTML 85Page - FCI connector UTG11823P Datasheet HTML 86Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
SM/SC-M Stamped contacts
84
How to order
S6
S6
1
1
(L)
(L)
M
M
16
16
SM
SC
Contact type:
SM: Male contact
SC : Female contact
AWG Size:
14, 16, 20, 24
Type of crimp barrel: American open crimp barrel
Packing:
No digit: Contacts on strip (qty 3000 per reel)
L: Preformed loose piece contacts
Design variation
1 : Only wire crimp for size 14 and 16
: Wire + insulation crimp for sizes 20 and 24
11 : Wire + insulation crimp for size 16
Plating indication:
See plating table
Size 16 stamped and
formed contacts for
TRIM TRIO connectors
Description
Size 16 SM/SC .063” (1.6mm) diameter
contacts are two piece strip formed crimp
snap-in pin and sockets.
These contacts consist of a crimp body
made of high conductive copper alloy, and
a stainless steel retaining spring featuring
retention in the housing cavity and a closed
entry socket to prevent probe damage.
The contact with its open barrel is standard
available on srtip and packaged with 3000
pcs on reel. This reel packaging combined
with semi or even full automatic crimp
tooling provides the added advantage of a
lower installed cost.
Features and benefits
• Made from high conductive copper alloy
with gold or tin over nickel plate finish.
• Two piece construcion with dual purpose
spring which serves for contact retention
and protects the body against damage.
• Contacts available on reel (standard) and
in bulk packing (100 pcs).
• Suitable for high volumes and lower
installation cost.
Performance characteristics
Current rating:
13 Amp
Contact resistance:
6 m
Ω
Contact retention in body:
65 N min.
Individual insertion force:
3.5 N max.
Individual withdrawal force: 0.55 N min.
Construction
Contact body: High conductive copper
alloy.
Outer spring: Stainless steel
Plating table
S6
= 0.75m Gold min. in contact area,
flash on crimp barrel over Nickel.
D70 = Gold flash all over, over Nickel.
TK6 = Preplated Tin all over.
Connector accommodation
Any TRIM TRIO contact can be used in any
contact position in any connector in the
TRIM TRIO interconnection system.
• MS-M / MSG Rectangular connectors
• SMS Qikmate
• G - Bantamate
• UT-Bantam
• UTG Metalok bantam
• UTP Full plastic bantam
• UTGS Shielded bantam
• MBG Bantamate II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com