Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 36 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 36 Page - FCI connector

Back Button UTG11823P Datasheet HTML 32Page - FCI connector UTG11823P Datasheet HTML 33Page - FCI connector UTG11823P Datasheet HTML 34Page - FCI connector UTG11823P Datasheet HTML 35Page - FCI connector UTG11823P Datasheet HTML 36Page - FCI connector UTG11823P Datasheet HTML 37Page - FCI connector UTG11823P Datasheet HTML 38Page - FCI connector UTG11823P Datasheet HTML 39Page - FCI connector UTG11823P Datasheet HTML 40Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 101 page
background image
MBG - Bantamate II 5000
38
Plastic connector
with quick mating
feature
Description
The BANTAMATE II cylindrical plastic
connector has been designed for use in
applications requiring a high number of
mating cycles and rapid connections and
disconnections.
BANTAMATE II meets minimum durability
requirements of 5000 mating/unmating
cycles by using a unique contact wiping
system consisting of a lubricant saturated
foam pad bonded to a spring loaded
stripper plate within the receptacle or plug.
On mating, the stripper plate is pushed
deep into the connector wiping a thin film
of lubricant onto the male contacts.
A distinctive shape provides mating ease in
blind or difficult to reach applications.
Some typical applications would include
test equipment, medical diagnostic
equipment, or any of the hardware
interconnections found in the modern
electronic office.
Features and benefits
• 5000 mating / unmating cycles
• Lubricated male contacts with spring
actuated foam plate
• Quick and easy installation with latching
mechanism
• Easy mating due to the positive
polarisation, even in blind spots
• Unmated male contacts are protected by
the spring actuated plate
• Available with 4, 12, 19, 30, and 46
contact positions.
• Applicable for front or rear panel
mounting as well as free hanging
applications
• UL recognised File number E31151
• CSA certified LR54977
Performance characteristics
Operating
temperature:
-55°C to +125°C
Insulation
resistance:
5000 M
Ω min.
Test potential: 2000 VAC
Durability:
Min. 5000 matings cycles
Vibration
5-50Hz, 0,5 dA; 8 hours axis
resistance:
Thermal
5 cycles -55°C to +105°C
shock:
Humidity:
10 days at 85% RH, +85°C
Construction
Connector body and strain relief:
Glass filled thermoplast UL94-V0
Colour: black
Locking latch
Stainless steel,
and hook:
passivated
Compression
Spring:
Music wire, Nickel plated
Lubricating pad:
Polyurethane foam
Rivet:
Brass, Tin plated
Strain relief screws:Steel, Cadmium plated
Contact accommodation
• “MBG” connectors accept Trim-Trio
removable snap-lock contacts (see
contact section)
• Contacts to be ordered seperately.
How to order
1
P
12
MBG
Connector family
Insert arrangement:
4, 12, 19, 30, 46 positions
Body variation:
P: Plug body
R: Receptacle body
S: Strain relief
Design variation:
1: Standard version with male contacts in receptacle
11: Reversed version with male contacts in plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com