Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 9 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 9 Page - FCI connector

Back Button UTG11823P Datasheet HTML 5Page - FCI connector UTG11823P Datasheet HTML 6Page - FCI connector UTG11823P Datasheet HTML 7Page - FCI connector UTG11823P Datasheet HTML 8Page - FCI connector UTG11823P Datasheet HTML 9Page - FCI connector UTG11823P Datasheet HTML 10Page - FCI connector UTG11823P Datasheet HTML 11Page - FCI connector UTG11823P Datasheet HTML 12Page - FCI connector UTG11823P Datasheet HTML 13Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
11
UTG - Metalok Bantam
Plastic connector
with metal coupling
system
Description
“UTG” Metalok Bantam plastic industrial
circular connectors with metal coupling are
a range of multiway connectors to provide
the complete answer to the need for
leightweight, robust circular connectors.
They are available in 8 shell sizes, 11 insert
arrangements all intermateable,
interchangeable and intermountable with
the Trim-Trio “UT0” and “UTP industrial
connector families.
Features and benefits
• Available in 8 shell sizes and 11 insert
arrangements incl. 3 VDE versions.
• Available in plug and receptacle versions
for both male and female contacts.
• Connectors and accessories are moulded
from highly durable glass-filled
thermoplastic.
• Flammability rating: UL94-V0.
• UL approved-file Nr.: E31151
• Metal bayonet ring:
• - Metal wave spring loaded.
• - Locks with audible positive “click”
• - Assures 500 matings and unmatings
Performance characteristics
Operating
temperature:
-55°C to +125°C
Insulation
resistance:
5000 M
Ω min.
Test potential: 2000 VAC
Durability:
500 matings and
unmatings.
Vibration
Per MIL-STD202
resistance:
method 204
Thermal
Per MIL-STD202
shock:
method 207
Degree of protection per DIN 40050:
IP67 in mated condition. “H” version used
with UTG —ST cable clamp
Construction
Connector body
Glass filled thermoplast UL94-V0
Colour: black
Coupling ring:
Nickel plated brass
Tri-lock pins:
Stainless steel
Coupling spring: Spring steel
Contact accommodation
• “UTG” connectors accept Trim-Trio
removable snap-lock contacts (see
contact section)
• Contacts to be ordered seperately.
How to order
- -
- -
H
N
P
S
12
12
14
14
0
6
UTG
UTG
Connector family :
Body variation:
0 : Wall mounting receptacle
6 : Cable plug
1 : Free hanging receptacle
Shell size:
Insert arrangement:
Type of contacts: P : Pin contacts
S : Socket contacts
Plating
N : Nickelplated bayonet ring
Application
No letter : Standard version
H : Water protected version (only receptacle)
Design variation
No letter : Moulded-in contact marking (standard version)
Others : Specials versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com